Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB80 Datasheet(PDF) 1 Page - Power-One

Part # MPB80
Description  Power Factor Correction (PFC) Meets EN61000-3-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPB80 Datasheet(HTML) 1 Page - Power-One

  MPB80 Datasheet HTML 1Page - Power-One MPB80 Datasheet HTML 2Page - Power-One MPB80 Datasheet HTML 3Page - Power-One MPB80 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MPB80 SERIES
The MPB80 combines high density power and other standard features
usually found in premium power systems. The low-profile package
neatly fits 1U height constraints in an industry-standard 3" X 5"
footprint. This Power Factor Corrected (PFC), multiple output
product line features overvoltage and overcurrent protection. In
addition to UL, CSA, and TÜV, regulatory agency compliances
include the CE Marking and harmonic compliance to EN61000-3-2.
FEATURES
• Power Factor Correction (PFC) Meets EN61000-3-2
• Low-Profile Height Fits 1U Constraints
• High 3.3V and 5V Current Capabilities Available
• CE Marked to Low Voltage Directive
• Autoranging AC Input, 85-264 VAC
• Overvoltage Protection on the Main Output
DUAL AND TRIPLE OUTPUT MODEL SELECTION CHART – UP TO 63W CONVECTION COOLED, UP TO 80W FORCED AIR COOLED (300 LFM)
MODEL
OUTPUT
ADJUSTMENT
CONVECTION
FORCED AIR
LINE
TOTAL
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
COOLED CURRENT
CURRENT
REGULATION
REGULATION
mV (NOTE 1)
ACCURACY
MPB80-2000
+5V
4.7V to 5.8V
11A/15A PK
15A
0.8%
-4%, +2%
1%
4.9V to 5.1V
+12V
Fixed
0.5A/1A PK
1A
0.5%
±5%
1%
11.5V to 12.5V
+5V
4.7V to 5.8V
7A/8.5A PK
8.5A
0.5%
-4%, +6%
1%
4.9V to 5.1V
MPB80-3000
+12V
Fixed
2.5A/3A PK
3A
1.5%
-7%, +13%
1%
11.5V to 12.5V
-12V
Fixed
0.3A/0.7A PK
0.7A
0.5%
±4%
1%
-11.5V to -12.5V
+3.3V
3.0V to 3.9V
7A/8.5A PK
8.5A
0.7%
±2%
1%
3.27V to 3.33V
MPB80-3300
+5V
4.7V to 5.8V
3A/5A PK
5A
0.5%
±2%
1%
4.95V to 5.05V
(Note 2)
+12V
Fixed
0.4A/0.65A PK
0.65A
1.5%
-15%, +17%
1%
10.2V to 14.0V
NOTES: 1) Maximum peak-to-peak noise, bandwidth limited to 20 MHz.
2) MPB80-3300 has overvoltage protection on +3.3V and +5V outputs.
SINGLE OUTPUT MODEL SELECTION CHART – UP TO 72W CONVECTION COOLED, UP TO 100W FORCED AIR COOLED (300 LFM)
MODEL
OUTPUT
ADJUSTMENT
CONVECTION COOLED
FORCED AIR
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
OUTPUT CURRENT
OUTPUT CURRENT
REGULATION
REGULATION
%p-p (NOTE 1)
ACCURACY
MPB80-1012
12V
11V to 13V
6A
8.4A
0.5%
1%
1%
11.94V to 12.06V
MPB80-1024
24V
22V to 26V
3A
4.2A
0.5%
1%
1%
23.88V to 24.12V
MPB80-1048
48V
46V to 50V
1.5A
2.1A
0.5%
1%
1%
47.76V to 48.24V
NOTES: 1) Maximum peak-to-peak noise, bandwidth limited to 20 MHz.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
Rev. 10/2000


Similar Part No. - MPB80

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPB HAMMOND-MPB Datasheet
185Kb / 3P
Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
logo
RUBYCON CORPORATION
MPB RUBYCON-MPB Datasheet
150Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MicroPower Direct, LLC
MPB-05S MPD-MPB-05S Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-03 MPD-MPB-05S-03 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-05 MPD-MPB-05S-05 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
More results

Similar Description - MPB80

ManufacturerPart #DatasheetDescription
logo
Power-One
MPU150 POWER-ONE-MPU150 Datasheet
156Kb / 4P
Power Factor Correction (PFC) Meets EN61000-3-2
logo
Sparkle Power Inc.
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP500-70AAPB SPI-FSP500-70AAPB Datasheet
97Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60WAP SPI-FSP300-60WAP Datasheet
95Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP350-60UAP SPI-FSP350-60UAP Datasheet
98Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
logo
Bel Fuse Inc.
PFC500 BEL-PFC500 Datasheet
823Kb / 5P
Power Factor Correction meets EN61000-3-2 (AC input versions)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com