Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB80 Datasheet(PDF) 2 Page - Power-One

Part # MPB80
Description  Power Factor Correction (PFC) Meets EN61000-3-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPB80 Datasheet(HTML) 2 Page - Power-One

  MPB80 Datasheet HTML 1Page - Power-One MPB80 Datasheet HTML 2Page - Power-One MPB80 Datasheet HTML 3Page - Power-One MPB80 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
MPB80 SERIES
OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full rated load, 230 VAC. Varies with distribution of loads among outputs.
73
%
Minimum Loads
Single Output Models
0.0
Minimum load required on V1 for regulation of V2, V3.
MPB80-2000
1.5
Amps
All other Multiple Output Models
0.7
Ripple and Noise
Full load, 20 MHz bandwidth
See Model Selection Chart
Output Power
Convection cooled, continuous output power.
MPB80-10XX
72
MPB80-2000
61
MPB80-3000
63
Watts
MPB80-3300
43
Forced air cooled, 300 LFM, or convection cooled, peak
MPB80-10XX
100
output power 10% duty cycle, 30 seconds maximum.
MPB80-2000
80
MPB80-3000
80
Watts
MPB80-3300
61
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on.
2
%
Regulation
Varies by output. Total regulation includes: line changes from 85-132 VAC or
See Model Selection Chart
170-264 VAC, changes in load starting at 20% load and changing to 100% load.
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100% load change,
500
µS
5% max. deviation.
Turn-On Delay
Time required for initial output voltage stabilization.
2
Sec
Turn-On Rise Time
Time required for output voltage to rise from 10% to 90%.
20
mS
INTERFACE SIGNALS AND INTERNAL PROTECTION
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
+3.3V
3.9
4.7
V
+5V, V1 & V2
5.8
6.8
12V
17.3
20.2
24V
32.2
37.8
48V
55.2
64.8
Overload Protection
Fully protected against output overload and short circuit. Automatic recovery upon removal of overload condition.
INPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Autoranging AC input automatically adjusts, no manual strapping required.
85
264
VAC
Input Frequency
AC input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
85
VAC
Hold-Up Time
After last AC line peak.
Full load @ 120 VAC
16
mS
Full load @ 220 VAC
20
Input Current
Single Output Models, 120 VAC
1.5
ARMS
Single Output Models, 230 VAC
0.75
Dual and Triple Output Models, 120 VAC
1.1
Dual and Triple Output Models, 230 VAC
0.55
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 230 VAC (one cycle).
32
APK
Operating Frequency
Switching frequency of main transformer.
60
68
kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com