Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS366-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS366-M
Description  Adjustable main output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS366-M Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS366-M Datasheet HTML 1Page - Artesyn Technologies LPS366-M Datasheet HTML 2Page - Artesyn Technologies LPS366-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS360-M Series
360 Watt AC-DC Power Supply
Total Power: 200 - 360 W
Input Voltage: 90 - 264 Vac
120 - 300 Vdc
Outputs:
Single
SPECIAL FEATURES
ƒ
Medical and ITE safeties
ƒ
Active power factor correction
ƒ
3” x 5” footprint
ƒ
Less than 1U high
ƒ
EN61000-3-2 compliant
ƒ
Remote sense
ƒ
Power fail
ƒ
Adjustable main output
ƒ
Level B Conducted EMI - Class I
or Class II inputs
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
12 V fan output
ƒ
LPX200 enclosure kit available
ƒ
5 V Standby output
ƒ
Remote Inhibit
ƒ
PMBus commands
ƒ
RoHS compliant
ƒ
Digital I2C interface
ƒ
Designed to meet Class I and
Class II
ƒ
Dual AC fuses
ƒ
Suitable for BF Type applications
SAFETY
ƒ
TUV
60950, 60601-1
ƒ
UL
60950, 60601-1
ƒ
cULus
60950, 60601-1
ƒ
CB
Certificate & report
ƒ
CE
Mark (LVD & EMC)
ƒ
CCC
Approval
Electrical Specifications
Input
Input range
90 - 264 Vac; 120 - 300 Vdc
Frequency
47 - 63 Hz
Inrush current
50 A max., cold start @ 25 °C
Efficiency
Up to 93% at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted;
EN55022 Class B conducted; VDE0878PT3 Class B conducted
Power factor
0.99 typical
Safety ground leakage
current
150 µA @ 132 Vac, 60 Hz for class I, 300 µA @ 264 Vac, 60 Hz for class II
Output
Maximum power
200 - 240 W (see de-rating) for convection, 360 W with 400 LFM of forced air
Adjustment range
12 V and 24 V models, -0%, +15%; 15 V and 48 V models, -5%, +10%;
36 V model, -15%, +0%
Standby output
5 V @ 1A convection, 2 A with forced air
Fan output
12 V @ 0.5 A convection, 1 A forced air
Hold-up time
20 ms @240 W, 220 Vac input; 12 ms @ 360 W
Overload protection
Short circuit protection on all outputs. Case overload protected @ 110 - 160%
above rating
Overvoltage protection
15 - 50% above nominal output
Logical Control
Power failure
Open collector logic signal goes high 100 - 500 msec after main output;
it goes low at least 6 msec before loss of regulation
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense
connected. Reverse connection protected.
Low Power Data Sheet


Similar Part No. - LPS366-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS366-M ARTESYN-LPS366-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
More results

Similar Description - LPS366-M

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM317F3 CYSTEKEC-LM317F3 Datasheet
300Kb / 11P
Three Terminal Adjustable Output
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
Adjustable Output Voltage
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
Adjustable Output Voltage
PT6420 TI1-PT6420_14 Datasheet
533Kb / 6P
Adjustable Output Voltage
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
Adjustable Output Voltage
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
12V main output and 5V,1A Aux output
logo
Unisonic Technologies
P2680L-SH2-R UTC-P2680L-SH2-R Datasheet
156Kb / 5P
Output Adjustable
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
Adjustable output slew rate
07-Oct-2014
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
Adjustable output voltage
15-Jul-2013
logo
Recom International Pow...
R-611.8X RECOM-R-611.8X Datasheet
91Kb / 4P
Adjustable Output Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com