Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS366-M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPS366-M
Description  Adjustable main output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS366-M Datasheet(HTML) 2 Page - Artesyn Technologies

  LPS366-M Datasheet HTML 1Page - Artesyn Technologies LPS366-M Datasheet HTML 2Page - Artesyn Technologies LPS366-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Environmental Specifications
Operating temperature
-20 °C to 50 °C ambient, derate each output as 2.5% per degree from 50 °C to 70 °C;
-40 °C startup if Standby output ≤ 1A (any valid load on main output);
-30 °C startup if Standby output > 1A (any valid load on main output)
Storage temperature
-40 °C to +85 °C
Electromagnetic susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 95% RH
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF calculated
>2 million hours at full load and 25 °C ambient conditions. 230 Vac input, Bellcore
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load
with Forced Air
Peak
Load
Regulation2
Ripple
P/P (PARD)3
LPS363-M
12 V
0 A
20 A
30 A
39 A
±2%
120 mV
LPS364-M
15 V
0 A
16 A
24 A
31 A
±2%
150 mV
LPS365-M
24 V
0 A
10 A
15 A
19.5 A
±2%
240 mV
LPS366-M
36 V
0 A
6.25 A4
11.25 A4
14.62 A
±2%
360 mV
LPS368-M
48 V
0 A
5 A
7.5 A
9.75 A
±2%
480 mV
1. Peak current lasting <3 seconds.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 mHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. LPS366-M is limited to the lower of the applicable power rating or current rating, whichever results in lowest power.
5. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated as a standalone product. EMC compliance to appropriate
standards must be verified at the system level. This product is for sale to OEMs and System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Pin Assignments
Connector
LPS360-M
J4
Pin 1
Line
Pin 3
Neutral
Barr
Barr-1
Main output +
Barr-2
Main output common
J5
Pin 1
+V1 Remote sense
Pin 2
-V1 Remote sense
Pin 3
+5 V Standby
Pin 4
5 V Standby return
Pin 5
+Power fail
Pin 6**
Forced air operation
Pin 7
Inhibit
Pin 8
GND
Pin 9
SDA
Pin 10
SCL
J3
Pin 1
+12 V Fan
Pin 2
12 V fan Return (isolated)
** For forced air operation, connect pin 6 to pin 8 of J5.
Mating Connectors
J4 AC Input
Molex 09-50-3031 (connector)
PINS: 08-52-0072
J6 AC Ground
Molex 01-90020001
DC Output
(Barr)
Molex 19141-0058/0063 or 19099/0048
Spade lug based on Cable Ampacity/AWG
J5 Control Signals
Molex 90142-0010 (USA)
PINS: 90119-2110
J3 Fan Output
Molex 51065-0200
Pins: 50212-8100
The Artesyn Connector Kit #70-841-029, includes all of the above.
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02”(±0.5 mm)
3. Mounting holes MH1 and MH2 should be grounded for EMI purposes.
4. Mounting hole MH1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115 VAC input, 25 °C unless
otherwise stated.
6. This power supply requires mounting on metal standoffs 0.20” (5m) in height.
7. Warranty: 3 Years
8. Weight: 0.4kg / 0.88 lb (LPS363-M)
LPS360-M Series Data Sheet
Digital I2C Interface Accessories
73-769-001
USB to I2C Adapter with USB Cable
73-841-030
LPS360-M I2C Mating Connector
Artesyn Connector Kit #73-769-005 includes both of the above



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com