Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP250-DC Datasheet(PDF) 4 Page - Artesyn Technologies

Part # NLP250-DC
Description  Low profile fits 1U applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP250-DC Datasheet(HTML) 4 Page - Artesyn Technologies

  NLP250-DC Datasheet HTML 1Page - Artesyn Technologies NLP250-DC Datasheet HTML 2Page - Artesyn Technologies NLP250-DC Datasheet HTML 3Page - Artesyn Technologies NLP250-DC Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NLP250-DC Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks
and service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are
trade names, trademarks, or registered trademarks of their respective owners. Specifications are subject
to change without notice. © 2017 Artesyn Embedded Technologies, Inc. All rights reserved. For full legal
terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
NLP250-DC DS 31May2017
Connector and Mating Connector Types
Connector
Type
Mating Connector Type
J1
Molex 10-84-5030
(4202 series)
Molex 50-84-1035 (42021
series) or equivalent with
Molex 02-08-1001 (42024
series) or equivalent crimp
terminals
J2
Molex
Molex 90142-0010
Molex 90119-2110 crimp
terminals
TER1
TER2
Terminal block
Terminal block contains #6-32
screw with clamp washer
suitable for wire size 12-22
awg (0.5-2.5 mm2). Max
Torque tp 1.36 Nm (12 in.lb)
Derating Curve
Pin Connections
J1
Pin 1
-48 Vdc
Pin 2
Ground
Pin 3
Return
J2
Pin 1
N/C
Pin 2
-V0 Remote Sense
Pin 3
+V0 Remote Sense; Load compensation for 0.2 V to 0.5 V
drop at load (sense point)
Pin 4
5 V Standby
Pin 5
Signal Common (RTN): 5 V standby and 12 V fans
Pin 6
12 V DC Fan Voltage
Pin 7
Signal Common (RTN): 5 V standby and 12 V fans
Pin 8
Inhibit: A closed contact (Low) will shut down PSU main
output within 200 ms (typical)
Pin 9
DC Power Good: Vo > -8% of nominal = Logic High, Out of
Regulation = Logic Low
TER1
+12 V
TER2
GND
Output Power (Watts)
DERATING CURVE Output Power (Watts)
0 C 10 C
20 C
30 C
40 C
50 C
60 C
70 C
0 W
175 W
250 W
200 LFM (1.0 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
CONVECTION COOLING
87 W
125 W
75 W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com