Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP250-DC Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP250-DC
Description  Low profile fits 1U applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP250-DC Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP250-DC Datasheet HTML 1Page - Artesyn Technologies NLP250-DC Datasheet HTML 2Page - Artesyn Technologies NLP250-DC Datasheet HTML 3Page - Artesyn Technologies NLP250-DC Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
NLP250-DC Series
Single Output
Total Power: 250 W
Input Voltage: 38 - 60 Vac
# of Outputs: Single
SPECIAL FEATURES
ƒ
-48 Vdc input
ƒ
250 W on main channel with forced
air
ƒ
Low profile fits 1U applications
ƒ
U-Channel for maximum thermal
performance
ƒ
5 V standby output
ƒ
12 V fan output
ƒ
Integrated control and monitoring
features
ƒ
Overcurrent, overvoltage and
overtemperature protection
ƒ
Compliance to EN55022-B
conducted noise standard
ƒ
RoHS compliant
ƒ
Two year warranty
SAFETY
ƒ
VDE0805/EN60950-1
ƒ
IEC950/IEC60950-1
ƒ
UL/cUL 60950-1
ƒ
CSA-C22.2 60950-1
ƒ
CB Certificate
ƒ
CE Mark (LVD)
Electrical Specifications
Input
Input voltage range
-48 Vdc Nominal
38 - 60 Vac
Input surge current
60 Vdc (cold start)
40 A max.
Input voltage protection
Reverse polarity protected
Input current
-48 Vdc @ 250 W
7 A
Input fuse
UL/IEC127
T6.4 AH, 250 Vac
Output
Maximum power
200 LFM forced air
250 watts
Total regulation
(line and load)
Main output
Auxiliary outputs
± 2.0%
± 5.0%
Turn-on delay
-48 Vdc input
2.0 s max.
Transient response
Main output
50 - 100%
Step at 0.5 A/µs
5.0% or 250 mV
max. dev., 1 ms max
recovery to 1%
Temperature coefficient
±0.04%/°C
Overvoltage protection
Main output
115%, ± 5%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Singles
0 A
Auxiliary outputs
(See Note 8, page 3)
5 Vsb
12 V (fan)
5 V @ 1.0 A
12 V @ 1.5 A
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
Data Sheet


Similar Part No. - NLP250-DC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250-DC EMERSON-NETWORKPOWER-NLP250-DC Datasheet
779Kb / 4P
Single Output
More results

Similar Description - NLP250-DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
Fits standard IC sockets
logo
Artesyn Technologies
NLP65-7608G ARTESYN-NLP65-7608G Datasheet
789Kb / 4P
Universal Input, Low profile fits 1U applications, Overvoltage and short circuit protection
logo
Diodes Incorporated
DMP4047LFDE DIODES-DMP4047LFDE Datasheet
224Kb / 6P
0.6mm profile ??ideal for low profile applications
Rev 5
logo
XP Power Limited
HDS800 XPPOWER-HDS800 Datasheet
720Kb / 4P
1U Profile, High Power Density
logo
Power System Technology
PST21 PST-PST21 Datasheet
512Kb / 6P
Chassis mounting applications, low profile
logo
CUI INC
SJ-3502-SMT CUI-SJ-3502-SMT Datasheet
185Kb / 3P
mid mount for low profile applications
logo
Littelfuse
D0100 LITTELFUSE-D0100 Datasheet
2Mb / 1P
Fits into wide range of Arc-Flash applications
logo
Green Power Solutions s...
GPDC0799 GPSEMI-GPDC0799_17 Datasheet
275Kb / 2P
Low profile ceramic package, Spot welding applications
logo
Schurter Inc.
6050 SCHURTER-6050_18 Datasheet
160Kb / 2P
Line Switch, fits to Felcom
6050 SCHURTER-6050_V02 Datasheet
188Kb / 3P
Line Switch, fits to Felcom
08.12.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com