Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3416J Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW3416J
Description  N-channel Enhanced mode SOT-23 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW3416J Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW3416J Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW3416J Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW3416J Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW3416J Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW3416J Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW3416J Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jul. 2015. Rev. 1.0
1/6
SW3416J
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
20
V
I
D
Continuous drain current (@T
C=25
oC)
7*
A
Continuous drain current (@T
C=100
oC)
4.4*
A
I
DM
Drain current pulsed
(note 1)
28
A
V
GS
Gate to source voltage
± 12
V
E
AS
Single pulsed avalanche energy
(note 2)
43
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.37
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient(note)
91
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW R 3416J
3416J
SOT-23
REEL
N-channel Enhanced mode SOT-23 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 18mΩ)@VGS=4.5V
(Typ 21m
Ω)@V
GS=2.5V
(Typ 25m
Ω)@V
GS=1.8V
 Low Gate Charge (Typ 12.5nC)
 Improved dv/dt Capability
 ESD Protection-Class 2(HBM Mode)
 100% Avalanche Tested
 Application:DC-DC Converter,Inverter,
Synchronous Rectification
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 20 V
I
D
: 7A
R
DS(ON) : 18mΩ@VGS=4.5V
21m
Ω@V
GS=2.5V
25m
Ω@V
GS=1.8V
1
2
3
SOT-23
1
2
3
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design. 91 oC/W on a 1 in2 pad of 2oz copper.
ESD Protection


Similar Part No. - SW3416J

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW34 ALPHAWIRE-SW34 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
VBsemi Electronics Co.,...
SW3404 VBSEMI-SW3404 Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
logo
VBsemi Electronics Co.,...
SW3406 VBSEMI-SW3406 Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW340R10ET SEMIPOWER-SW340R10ET Datasheet
831Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
More results

Similar Description - SW3416J

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N10 SEMIPOWER-SW2N10 Datasheet
454Kb / 5P
N-channel SOT-23 MOSFET
SW601Q SEMIPOWER-SW601Q Datasheet
447Kb / 4P
N-channel SOT-23 MOSFET
SW1N60DC SEMIPOWER-SW1N60DC Datasheet
926Kb / 6P
N-channel Enhanced mode TO-252/SOT-223 MOSFET
SW2N40D SEMIPOWER-SW2N40D Datasheet
909Kb / 6P
N-channel Enhanced mode TO-92/SOT-223 MOSFET
SW2N7002 SEMIPOWER-SW2N7002 Datasheet
621Kb / 5P
N-channel Enhanced mode SOT-23 MOSFET
SW4N40D SEMIPOWER-SW4N40D Datasheet
671Kb / 6P
N-channel Enhanced mode SOT-223 MOSFET
SW417J SEMIPOWER-SW417J Datasheet
764Kb / 6P
P-channel Enhanced mode SOT-23 MOSFET
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SWVS22 SEMIPOWER-SWVS22 Datasheet
823Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
logo
Foshan Blue Rocket Elec...
2N7002K1 FOSHAN-2N7002K1 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com