Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE527H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE527H
Description  Low Noise, High PSRR LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE527H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE527H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ACE527H
Low Noise, High PSRR LDORegulator
VER 1.3
2
Packaging Type
TSOT23-5
TSOT23-6
WDFN1.6*1.6-6L (A)
WDFN1.6*1.6-6L (B)
Description
Function
VIN
Input Voltage. Connect a minimum 1uF ceramic capacitor to this pin for stable operation.
GND
Ground.
CE
Active High Chip Enable. This pin is internally pulled down by a 1uA current source.
FB/NC
Output Voltage Feedback. Available only for adjustable output voltage version. The FB
voltage is regulated to 0.8V. Connect a resistive voltage divider to set the output voltage.
VOUT
Output Voltage. Connect a minimum 1uF ceramic capacitor to this pin for stable operation.
SS
Soft Start. Connect a 1nF ~ 10nF ceramic capacitor to set soft start time.
Ordering information
ACE527H XX XX+H
Pb - free
BNS:TSOT23-5
GMS:TSOT23-6
KNA:WDFN1.6*1.6-6L (A)
KNB:WDFN1.6*1.6-6L (B)
Halogen - free
GND
FB/NC
VIN
CE
VOUT
Output Voltage:1.2 / 1.5
V …../3.3V / Default: Adjustable Version
VIN
GND
CE
VOUT
FB/NC
SS
CE
NC
VIN
GND
FB/NC
VOUT
VOUT
FB/NC
SS
VIN
GND
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com