Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE527H Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE527H
Description  Low Noise, High PSRR LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE527H Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE527H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE527H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ACE527H
Low Noise, High PSRR LDORegulator
VER 1.3
5
Electrical Characteristics
VIN=VEN=3.3V, and TA= 25℃ unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Supply Voltage
V
IN
2.2
6.0
V
V
IN Under Voltage Lockout
V
UVLO
2
2.1
V
Shutdown Current
I
SD
V
EN = 0V
1
uA
Quiescent Current
I
Q
I
OUT = 0mA
65
uA
Output Voltage Accuracy
V
OUT
Fixed Output Voltage,
I
OUT = 10mA
-1
1
%
FB Pin Voltage
V
FB
Adjustable Version,
IOUT = 10mA
792
800
808
mV
Maximum Output Current
I
OUT
600
mA
Load Regulation
∆V
OUT/∆IOUT
1mA < IOUT < 600mA
30
50
mV
On-Resistance of Pass Element
R
DS(ON)
700
mΩ
Dropout Voltage
V
DP
I
OUT = 600mA
420
mV
Line Regulation
∆V
OUT/∆VIN
V
OUT + 0.42V < VIN <
6.0V
0.02
%/V
Output Noise
BW = 10Hz to 100kHz,
IOUT = 10mA
70
uVrms
Power Supply Ripple Rejection
PSRR
I
OUT = 10mA, f = 1kHz
-70
dB
I
OUT = 10mA, f = 10kHz
-60
dB
Short Circuit Limit
V
OUT = 0V
100
mA
EN Pull-Down Constant Current
I
EN
V
EN = 3.3V
1
uA
EN Input High Threshold
V
IH
1.6
V
EN Input Low Threshold
V
IL
0.4
V
Soft Start Time
t
SS
fixed version,
100
uS
SS Pin Sourcing Current
I
SS
V
SS = 0V
8.0
uA
Thermal Shutdown
Temperature
T
SD
160
℃
Thermal Shutdown Hysteresis
∆T
SD
30
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com