Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE529C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE529C
Description  1A Low Dropout Voltage Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE529C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE529C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE529C
1A Low Dropout Voltage Linear Regulator
VER 1.2
3
Block diagram
Electrical Characteristics:
Test Conditions: C
IN=4.7uF,COUT=4.7uF,TA=25℃, unless otherwise specified.
Symbol
Parameter
Conditions
Reference data
Unit
Min
Typ
Max
V
DD
Input Voltage
1.5
(1)
6
V
V
OUT
Output
Voltage
V
OUT>1.5
V
DD=Set VOUT+1V
1mA≤I
OUT≤10mA
V
OUT
X0.98
V
OUT
V
OUT
X1.02
V
V
OUT<=1.5
V
OUT
-0.03
V
OUT
+0.03
I
OUT (Max.)
(2)
Maximum Output Current
V
DD-VOUT=1V
1
A
V
DROP
Dropout Voltage
V
OUT=3.3V, IOUT=1A
300
500
mV
Vout
Vin‧Vout
Line Regulation
I
OUT=10mA, 4V≤VDD≤6V
0.05
0.2
%/V
Vout
Load Regulation
V
DD=Set VOUT+1V 1mA≤IOUT≤2.5A
30
60
mV
Is
Supply Current
V
DD=Set VOUT+1V, VOUT Floating
100
150
uA
Vout
T ‧Vout
Output Voltage Temperature
Coefficient
I
OUT=10mA
±100
℃
PSRR
Ripple Rejection
f=100Hz, Ripple=0.5Vp-p, V
DD=Set
V
OUT+1V
65
dB
en
Output Noise
BW=10Hz~100KHz
44
uVrms
Note:
1.
Iout=350mA@Vin=1.5V, Vout=1.2V
2.
The maximum power rating of each package is a constant, so along with the change of ILOAD, the VDD-VOUT
should be controlled to a certain range to ensure the normal operation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com