Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE529C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE529C
Description  1A Low Dropout Voltage Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE529C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE529C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE529C Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE529C
1A Low Dropout Voltage Linear Regulator
VER 1.2
1
Description
ACE529C series are a group of positive voltage output, high precise, and low power consumption
voltage regulator. Voltages are selectable in 100mV steps within a range of 1.2V to 5.0V. It also can be
customized on command.
ACE529C series have excellent load and line transient response and good temperature characteristics,
which can assure the stability of chip and power system. And it uses trimming technique to guarantee
output voltage accuracy within ±2%.
ACE529C series are available in SOT-23-5 package, which is lead (Pb)- free.
Features
Low Quiescent Current: 100uA at 5V
High PSRR: 65dB range to 1KHz
Low Output Noise: 44uVRMS
Low Dropout: 200mV@Iout=0.8A, Vout=3.3V
Maximum output current: 1A
Highly Accurate: ±2%
Low ESR Ceramic Capacitor Compatible
Application
Reference Voltage Source
Battery Powered Equipment
PC Peripherals
Wireless Devices
Instrumentation
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
6V
Max Operating Junction Temperature (TJ)
140℃
Ambient Temperature (TA)
-40℃~85℃
Power Dissipation
SOT-23-5
250mW
Storage Temperature (TS)
-40℃~150℃
Lead Temperature & Time
260℃, 10 Sec
Recommended Work Conditions
Parameter
Value
Input Voltage Range
Max. 6V
Ambient Temperature
-40℃~85℃
Operating Junction Temperature (TJ)
125℃


Similar Part No. - ACE529C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5290B ACE-ACE5290B Datasheet
1Mb / 10P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
ACE5290BGM+H ACE-ACE5290BGM+H Datasheet
1Mb / 10P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
More results

Similar Description - ACE529C

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
ams AG
AS1364 AMSCO-AS1364 Datasheet
563Kb / 15P
1A, Low-Dropout Linear Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Infineon Technologies A...
IFX8117ME-V INFINEON-IFX8117ME-V Datasheet
1Mb / 20P
1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
logo
ams AG
AS1363 AMSCO-AS1363_13 Datasheet
282Kb / 19P
1A Low Dropout Linear Voltage Regulator
AS1364 AMSCO-AS1364_04 Datasheet
1Mb / 20P
1A Low Dropout Linear Voltage Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com