Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE707P Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE707P
Description  0.85V/12uA start-up Synchronous DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE707P Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE707P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE707P
0.85V/12uA start-up Synchronous DC/DC Converter
VER 1.1
2
Packaging Type
SOT23-3
SOT23-5
Pin Description
PIN NO
SYMBOL
DESCRIPTTION
SOT23-3
SOT23-5
1
CE
Chip Enable
3
2
VOUT
Boost Output
3
NC
Not Connect
1
4
GND
Ground
2
5
SW
Switch node
Ordering information
ACE707P XX XX + H
Recommended Operating Range
Symbol
Items
Value
Unit
VIN
VIN Supply Voltage
0.9 to 5.5
V
VSW
Switching Voltage
5.5
V
TOPT
Operating Temperature
-40 to +85
Pb - free
BM: SOT-23-3
BN: SOT-23-5
Halogen - free
Output Voltage:2.2V/2.3V
……/5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com