Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE707P Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE707P
Description  0.85V/12uA start-up Synchronous DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE707P Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE707P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE707P
0.85V/12uA start-up Synchronous DC/DC Converter
VER 1.1
4
Electrical Characteristics
The following specifications apply for VOUT=3.3V TA=25℃,unless specified otherwise.
Symbol
Items
Conditions
Min
Typ
Max
Unit
V
IN
Input Voltage
0.9
5.5
V
V
out
Vout range
I
Load=1mA
-2%
Vout
2%
V
I
noload**
No Load Current
Vin=Vout*0.6
12
µA
f
SW
Switching Frequency
Open Loop,
Vin=Vout*0.95
300
KHz
D
MAX
Maximum Duty Cycle
Open Loop,
Vin=Vout*0.95
83
%
R
top*
SW Top Resistance(PMOS)
Vout=3.3
0.6
Ω
R
bottom*
SW Bottom
Resistance(NMOS)
Vout=3.3
0.6
Ω
I
LIMIT*
SW Current Limit
350
A
I
LEAK
SW Leakage Current
VSW=5V
0.1
1
µA
V
star
Start Voltage
0V-2V Iout=1mA
0.85
V
V
hold
Hold Voltage
2V-0V Iout=1mA
0.6
V
Note:* Guaranteed by design,not tested
** Maximum depends on Test condition.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com