Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5017T Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE5017T
Description  300mA Ultra Low Consumption CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5017T Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE5017T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE5017T
300mA Ultra Low Consumption CMOS LDO
VER 1.2
3
Ordering information
ACE5017TXX XX + H
Recommended Operating Range
Symbol
Items
Value
Unit
V
IN
VIN Supply Voltage
0.9 to 6.5
V
V
EN
Enable Voltage
0.9 to 6.5
V
T
OPT
Operating Temperature
-40 to +85
℃
Electrical Characteristics
The following specifications apply for VOUT=3.3V TA=25℃, unless specified otherwise.
Symbol
ITEMS
CONDITIONS
MIN
TYP
MAX
UNIT
V
IN
Input Voltage
6.5
V
VOUT
VOUT range
IOUT=1mA
-1%
VOUT
1%
V
IOUT=1mA
-2%
VOUT
2%
Iq
Quiescent Current
VOUT=3.3V IOUT=0
1
3
µA
I
limit
Current
Limit
Vin=Ven Vin=5V Vout=3.3V
450
mA
V
drop
Dropout Voltage
VOUT=3.3V IOUT=200mA
170
200
mV
VOUT=3.3V IOUT=300mA
250
300
△V
LINE
Line Regulation
VIN=2.7~5.5V, IOUT=1mA
0.01
0.15
%/V
△V
Load
Load Regulation
VOUT=2.8V , IOUT=1~300mA
20
30
mV
ISHORT
Short Current
VEN=VIN, VOUT Short to GND
with 1Ω
90
mA
ISHDN
Shut-down Current
VEN=0V
0.1
1
µA
VENH
EN logic high
voltage
VIN=5.5V, IOUT=1mA
1.2
V
VENL
EN logic low voltage
VIN=5.5V, VOUT=0V
0.4
V
IEN
EN Input Current
VEN= 0 to 5.5V
1.0
uA
BM: SOT-23-3
BN: SOT-23-5
Pb - free
Halogen - free
Out Voltage: 1.2/1.5/1.8
……/3.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com