Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5017T Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5017T
Description  300mA Ultra Low Consumption CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5017T Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5017T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5017T Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE5017T
300mA Ultra Low Consumption CMOS LDO
VER 1.2
1
Description
The ACE5017T series are low dropout linear regulators and optimized to provide a high performance
solution for battery power system to deliver low quiescent current. The devices offer a new level of cost
effective performance in cellular phones, laptop and notebook computers, and other portable devices.
The ACE5017T series are designed to make use of low cost ceramic capacitors which ensure the stability
of the output current, and enhance the efficiency in order to prolong the battery life of those portable
devices.
The ACE5017T regulators are available in SOT-23-3 and SOT-23-5 packages. Standard products are
Pb-free and Halogen free products.
Features
Input voltage : 2.3V~6.5V
Output range : 1.2V~3.3V
Output current: 300mA@Vout>2V
Dropout voltage: 100mV @ IOUT=100mA
Quiescent current:
1μA Typ.
Shut-
down current: < 0.1μA
Recommend capacitor: 1uF
Applications
Reference voltage source
Toys
Bluetooth, wireless handsets
Others portable electronic device
Absolute Maximum Ratings
Symbol
Items
Value
Unit
VIN
Input Voltage
-0.3~7
V
VEN
Enable Pin
-0.3~7
V
VPIN
All Other Pins
GND-0.3 to VDD+0.3
V
PDMAX
Power Dissipation
0.3
W
TJ
Junction Temperature
-40~125
Tstg
Storage Temperature
-55 to 150
Tsolder
Package Lead Soldering Temperature
260℃, 10s
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.


Similar Part No. - ACE5017T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50112AM+ ACE-ACE50112AM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50112AM+H ACE-ACE50112AM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50112BM+ ACE-ACE50112BM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
More results

Similar Description - ACE5017T

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
logo
Will Semiconductor Ltd.
WL2855E WILLSEMI-WL2855E Datasheet
1Mb / 12P
Low noise, Low Power Consumption, 12V Input, 300mA, CMOS LDO
logo
TECH PUBLIC Electronics...
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPRT9193-28GB TECHPUBLIC-TPRT9193-28GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulatorl
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPRT9193-15GB TECHPUBLIC-TPRT9193-15GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulatorl
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com