Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2012D Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2012D
Description  General Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2012D Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2012D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2012D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2012D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2012D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series P
Internationally Approved Toggles
A98
A
www.nkkswitches.com
22
Terminals
No
Code
Solder Lug
P
Straight PC
Z
.187” (4.75mm)
Quick Connect
TYPICAL SWITCH ORDERING EXAMPLE
P20
DPDT
ON-NONE-ON Circuit
Poles & Circuits
11
SPST
ON
NONE
OFF
12 SPDT
ON
NONE
ON
13 SPDT
ON
OFF
ON
21 DPST
ON
NONE
OFF
22 DPDT
ON
NONE
ON
23 DPDT
ON
OFF
ON
Toggles & Bushings
No
Code
.512” (13.0mm) White Cap
with 6mm Bushing
E
.450” (11.4mm) Flatted
with 6mm Bushing
B
.689” (17.5mm) Large Bat
with 12mm Bushing
D
.748” (19.0mm) White Capped
Column with 12mm Bushing
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
P2022B
B
.689” (17.5mm) Large Bat
with 12mm Bushing
Solder Lug Terminals
Toggle Position
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminal numbers are on
the switch.
SP
P2011
ON
NONE
OFF
1-1b
OPEN
OPEN
SPST
SP
P2012
P2013
ON
ON
NONE
OFF
ON
ON
1-1b
OPEN
1-1a
SPDT
DP
P2021
ON
NONE
OFF
1-1b 2-2b
OPEN
OPEN
DPST
DP
P2022
P2023
ON
ON
NONE
OFF
ON
ON
1-1b 2-2b
OPEN
1-1a 2-2a
DPDT
POLES & CIRCUITS
1 (COM)
1b
1 (COM)
1b
1a
1
2
(COM)
1b
2b
1
1b
2b
2
(COM)
1a
2a
Keyway
Keyway
IMPORTANT:
VDE is marked on all models. Switches are supplied
without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered
with marking on the switch.
Specific models, ratings, & ordering instructions are
noted on the General Specifications page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com