Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2012D Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2012D
Description  General Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2012D Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2012D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2012D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2012D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2012D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series P
Internationally Approved Toggles
A96
A
www.nkkswitches.com
General Specifications
Electrical Capacity
Resistive Load:
10A @ 125V AC or 6A @ 250V AC
Motor Load:
400W @ 125V AC
Lamp Load:
2A @ 125V AC for On-Off-On circuit & 3A @ 125V AC for other circuits
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum between contacts for 1 minute minimum;
4,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
25,000 operations minimum
Angle of Throw:
25°
Materials & Finishes
Toggle Cap:
Polypropylene
Lever:
Brass with chrome plating
Bushing:
Brass with nickel plating
Frame:
Stainless steel
Case/Base:
Diallyl phthalate resin (UL94V-0)
Movable Contacts:
Silver alloy with silver plating
Stationary Contacts:
Pure silver with silver plating
Terminals:
Copper with silver plating
Environmental Data
Operating Temp Range:
–10°C through +85°C (+14°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Soldering Time & Temp:
Wave Soldering Recommended (Straight PC): See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 rated case/base
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” to end of part number to order UL recognized switch.
All models recognized at 10A @ 125V AC & 6A @ 250V AC.
CSA:
File No. 023535_0_000 - Certified only when ordered with marking on switch.
Add “/C” to end of part number to order CSA certified switch.
All models certified at 10A @ 125V AC & 6A @ 250V AC.
VDE:
License No. 119174
All models approved at 10A @ 125V AC & 6A @ 250V AC.
Marking on switch is standard. All models meet EN 61058-1 standard.


Similar Part No. - P2012D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2012D NKK-P2012D Datasheet
172Kb / 4P
Internationally Approved Toggles
P2012DP NKK-P2012DP Datasheet
172Kb / 4P
Internationally Approved Toggles
P2012DP NKK-P2012DP Datasheet
489Kb / 4P
Internationally Approved Toggles
P2012DZ NKK-P2012DZ Datasheet
172Kb / 4P
Internationally Approved Toggles
P2012DZ NKK-P2012DZ Datasheet
489Kb / 4P
Internationally Approved Toggles
More results

Similar Description - P2012D

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com