Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF9UG5192 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSRF9UG5192
Description  DUAL COLOR LED LAMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9UG5192 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSRF9UG5192 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
90
65
50
65
50
38
A11
A10
A9
Page
3/8
PART NO.
Brightness Code For Standard LED Lamps
LSRF9UG5192
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
SRF CHIP
Max.
Min.
Group
Luminous Intensity(mcd) at 20 mA
160
120
90
120
A13
A12
220
160
A14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com