Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF9UG5192 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSRF9UG5192
Description  DUAL COLOR LED LAMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9UG5192 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSRF9UG5192 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
℃)
Wavelength (nm)
0.0
550
600
0.5
1.0
-20
-40
0.8
40
0
20
1.1
1.0
0.9
1.2
700
650
Ambient Temperature(
℃)
Fig.4 Relative Intensity vs. Temperature
0.5
-40
100
80
60
0.0
0
-20
40
60
20
1.5
1.0
2.0
2.5
3.0
80
100
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
2.0
1.0
0.1
3.0
1.0
10
SRF CHIP
1000
Fig.2 Relative Intensity vs. Forward Current
1.0
4.0
5.0
0.0
0.5
1.0
1.5
2.0
Forward Current(mA)
10
100
2.5
3.0
1000
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
5/8
Page
PART NO. LSRF9UG5192



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com