Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWM-2-50DR Datasheet(PDF) 1 Page - Mini-Circuits

Part # SWM-2-50DR
Description  High Isolation Switches SPDT, DC to 4.5 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SWM-2-50DR Datasheet(HTML) 1 Page - Mini-Circuits

  SWM-2-50DR Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Pin Configuration
Electrical Specifications (TAMB= 25°C)
Outline Drawing
Features
• high isolation, 65 dB typ. at 1 GHz
• low insertion loss, 0.7 dB typ. at 1 GHz
• integral TTL driver
Applications
• transmitter/receiver isolation
• automated switching networks
SWM-2-50DR
SWMA-2-50DR
Switches
SPDT, DC to 4.5 GHz
High Isolation
SWM-2-50DR
DC-4.5
•
0.6 0.9
0.7
1.2
0.9
1.4
1.6
1.9
75
65
55
45
45
37
35
27
20
25
25
24
SWMA-2-50DR
DC-4.5
•
0.6 0.9
0.7
1.1
0.9
1.4
1.4
1.9
80
65
65
55
55
45
38
27
20
25
25
24.7
INSERTION LOSS
(dB)
FREQ.
(GHz)
R
E
F
L
E
C
T
I
V
E
A
B
S
O
R
P
T
I
V
E
A1= DC-100 MHz,
A= 0.1-1 GHz,
B= 1-2 GHz, C= 2-4.5 GHz
* Drops to 17.0 dBm at 10 MHz.
MODEL
NO.
C
Typ. Max.
B
Typ. Max.
A
Typ. Max.
A1
Typ. Max.
FREQUENCY BAND
CASE STYLE: DL1020
PRICE: $5.30 ea. QTY. (10-49)
FREQUENCY BAND
IN-OUT ISOLATION
(dB)
C
Typ. Min.
B
Typ. Min.
A
Typ. Min.
A1
Typ. Min.
FREQUENCY BAND
1 dB COMPRESSION
(dBm)
A
Typ.
B
Typ.
C
Typ.
A1*
Typ.
AB
C
D
EF
G
H
J
K
L
M
N
P
Q
R
S
wt.
— .193 .035 .236
— .050 .017 .008
— .024
— .050 .030 .270 .030 .110 .020 grams
— 4.90 0.90 6.00
— 1.27 0.43 0.20
— 0.60
— 1.27 0.76 6.86 0.76 2.79 0.51
.08
NOTES:
Operating Temperature, -40°C to 85°C
Storage Temperature, -55°C to 100°C
*
For all states of absorptive switch, and for reflective switch in "ON"
condition; for reflective switch "OFF" port, 5:1 VSWR typ.
** Video leakage or break through is defined as leakage of TTL
switching signal to RF output ports.
1. Absolute maximum power and voltage ratings:
RF input power, 250 mW
Supply voltage: ±6 V DC
2. OFF state of RF output is low impedance.
3. Prices and specifications subject to change without notice.
Switching Specifications
Power Supply
Voltage
Current, mA
+5V±.20
9 max.
-5V±.20
9 max.
TTL Control
Voltage, V
Current, mA Control Logic
max.
RF1
RF2
low threshold
0 min., 0.8 max.
0.2
ON
OFF
high threshold
2 min., 5 max.
5
OFF
ON
VSWR* (:1)
1.15 typ. to 2 GHz, 1.3 typ. to 4.5 GHz
Rise/Fall Time, ns
5 typ., 15 max.
Switching Time, ns turn on/off
10 typ., 20 max.
Video leakage**, mv p-p
30 typ.
Outline Dimensions (
)
inch
mm
NEW!
Demo Board MCL P/N: TB-161
Suggested PCB Layout (PL-122)
RF IN
6
RF OUT 1
1
RF OUT 2
4
TTL IN
2
+5V
5
-5V
7
TTL GND
3
GND
8
GND
PADDLE
REV. C
M93585
ED-10679
SWM-2-50DR
RS/YB/CP
040726


Similar Part No. - SWM-2-50DR

ManufacturerPart #DatasheetDescription
logo
Eravant
SWM-22433420-03-SB ERAVANT-SWM-22433420-03-SB Datasheet
499Kb / 3P
WR-03 Magic Tee, 220 to 330 GHz
Rev 1.0
More results

Similar Description - SWM-2-50DR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Mini-Circuits
M3SW_A-2-50DR MINI-M3SW_A-2-50DR Datasheet
128Kb / 1P
High Isolation Switches SPDT, DC to 4.5 GHz
ZASWA-2-50DR MINI-ZASWA-2-50DR Datasheet
79Kb / 1P
SWITCHES VERY HIGH ISOLATION, SPDT, DC to 5 GHz
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
283Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Analog Devices
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com