Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHF-2000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VHF-2000
Description  High Pass Filters 850 to 7000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VHF-2000 Datasheet(HTML) 1 Page - Mini-Circuits

  VHF-2000 Datasheet HTML 1Page - Mini-Circuits VHF-2000 Datasheet HTML 2Page - Mini-Circuits VHF-2000 Datasheet HTML 3Page - Mini-Circuits VHF-2000 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Ratings
Features
Outline Drawing
CASE STYLE: FF704
PRICE: $19.95 ea. QTY (10)
B
D
E
wt.
.461
1.42
.312 grams
11.71
36.07
7.92
10
Outline Dimensions (
)
inch
mm
inch
mm
VHF-SERIES
High Pass Filter Electrical Specifications (TAMB=25°C)
schematic A
schematic A
schematic A
schematic A
schematic A
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
Applications
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
VSWR
Typ.
POWER
INPUT
(W)
STOP BAND
(MHz)
Min.
(loss>40 dB)
(loss>20 dB)
Stopband
Frequency
(MHz)
1.5:1
(loss<1.3 dB)
Max.
(loss<2 dB)
Typ.
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
7W* max.
*derate linearly to 3W at 100°C ambient.
RF IN
RF OUT
3dB
B
20dB
40dB
co
f
1.3 dB
f
FREQUENCY
• low cost
• small size
• 7 sections
• temperature stable
• excellent power handling, 7W
• patent pending
• sub-harmonic rejection and dc blocking
• transmitters/receivers
• lab use
Max.
VHF-650
390
480
650
850-2000
710-2490
20:1
760-1700
7
7
A
VHF-740
430
550
740
900-2200
780-2800
20:1
780-1900
7
7
A
VHF-880
500
640
880
1060-2500
950-3200
20:1
970-2400
7
7
A
VHF-1200
780
940
1180
1340-4000
1220-4600
20:1
1300-3200
7
7
A
VHF-1300
680
930
1300
1510-4000
1400-5000
20:1
1400-4000
7
7
A
VHF-1320
910
1060
1320
1700-3800
1400-5000
20:1
1700-3700
7
7
A
VHF-1500
1140
1280
1550
1850-4400
1600-5500
20:1
1620-3450
7
7
A
VHF-1600
1090
1290
1600
1950-4000
1650-5000
20:1
1700-4000
7
7
A
VHF-1760
950
1230
1760
2100-5200
1900-5500
20:1
2200-4500
7
7
B
VHF-1810
1100
1480
1810
2250-4000
1900-4750
20:1
2250-3750
7
7
A
VHF-1910
1100
1400
1910
2200-4400
2000-5200
20:1
2100-4500
7
7
A
VHF-2000
1300
1530
2000
2410-6000
2260-6250
20:1
2400-5600
7
7
B
VHF-2100
1200
1530
2100
2500-5000
2200-6000
20:1
2400-5200
7
7
A
VHF-2275
1400
1770
2275
2640-6230
2450-7000
20:1
2580-6000
7
7
B
VHF-2700
1500
1800
2500
3000-5700
2650-6500
20:1
2900-5500
7
7
B
RF IN
RF OUT
schematic B
schematic B
schematic B
schematic B
schematic B
850 to 7000 MHz
High Pass Filters
Coaxial
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
NEW!
REV. C
M95632
VHF-650
EDR-6713/1
VHF-880
EDR-6437/1
VHF-740
EDR-6713
VHF-1300 EDR-6437/6
VHF-1200 EDR-6713/2
VHF-1320 EDR-6437/1
VHF-1500 EDR-6713/3
VHF-1600 EDR-6437/3
VHF-1760 EDR-6711
VHF-1810 EDR-6437/4
VHF-2000 EDR-6711/5
VHF-1910 EDR-6437/7
VHF-2275 EDR-6711/3
VHF-2100 EDR-6437/5
VHF-2700 EDR-6711/4
VHF-SERIES
RVN/AD/CP
041202
Page 1 of 4
Typical Performance Charts
VHF-740
INSERTION LOSS
0
20
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
VHF-740
VSWR
1
10
100
1000
10000
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
VHF-650
INSERTION LOSS
0
20
40
60
80
100
120
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
VHF-650
VSWR
1
10
100
1000
10000
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)


Similar Part No. - VHF-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VHF-2700A MINI-VHF-2700A Datasheet
237Kb / 1P
High Pass Filter
VHF-2700A+ MINI-VHF-2700A+ Datasheet
237Kb / 1P
High Pass Filter
More results

Similar Description - VHF-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCN-650 MINI-HFCN-650 Datasheet
118Kb / 1P
Ceramic High Pass Filter 850 to 2490 MHz
HFCN-2275 MINI-HFCN-2275 Datasheet
118Kb / 1P
Ceramic High Pass Filter 2640 to 7000 MHz
HFTC-26 MINI-HFTC-26 Datasheet
98Kb / 1P
Ceramic High Pass Filter 3000 to 7000 MHz
SCLF_SALF-SERIES MINI-SCLF_SALF-SERIES Datasheet
177Kb / 1P
Low Pass Filters 50??DC to 865 MHz
VHP-SERIES MINI-VHP-SERIES Datasheet
245Kb / 2P
Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VLP-SERIES MINI-VLP-SERIES Datasheet
80Kb / 2P
Low Pass Filters DC to 5400 MHz
K1-HFCN MINI-K1-HFCN Datasheet
237Kb / 1P
HIGH PASS FILTERS
K2-HFCN MINI-K2-HFCN Datasheet
266Kb / 1P
HIGH PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
LOW PASS & HIGH PASS FILTERS
K-PHP MINI-K-PHP Datasheet
231Kb / 1P
HIGH PASS FILTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com