Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5Q Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
Rev. 1.10
8�
De�e��e� 1�� �01�
Rev. 1.10
87
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
OPA0 Functions
TheOPA0canoperatetogetherwiththeMUX,DACandOPA1asshowninthemainfunctional
blocksoftheBatterychargingcircuit.
TheOPA0providesitsinputvoltageoffsettobeadjustablebyusingcommonmodeinputto
calibratetheoffset.
Thecalibrationstepsareasfollowing:
• 1.SetA0FM=1tosetuptheoffsetcalibrationmode,hereS1onandS2off.
• 2.SetA0RSPtoselectwhichinputpinistobeusedasthereferencevoltage–IsensepinorVM.
• 3.AdjustA0OF4~A0OF0untiltheoutputstatuschanges
• 4.SetA0FM=0torestorethenormalmode.
Note:1.Whencalibration,thedevicecandetecttheOPAoutputstatusbyA0Xbit.
2.VMvoltageis0.1VatVDD=5V.
3.AfterOPA0offsetcalibration,settheA0RSPbitbytheactualapplications.
• PGDR Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
—
PGDF
R/W
—
—
—
—
—
—
—
R
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas“0”
Bit0
PGDF:PowerGoodDetectionreadyflag
0:DetectVDD<4.6V
1:DetectVDD≥4.6V
Note:ThedevicecandetecttheVDDcurrentstatusbyPGDFbit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com