Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F5Q Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
1�
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
DAC Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.�
—
5.5
V
VDACO
Output voltage Range
—
—
VSS
—
VDD
V
IDAC
A/D Conve�te� Refe�en�e Voltage
5V
—
—
110
500
μA
Note:DACVoltageFormula:
8
8[7 : 0]
2
DD
DAC
V
×
OP Amplifier Electrical Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
D.C. Characteristic
VDD
Ope�ating Voltage
—
—
�.�
—
5.5
V
VOS
Input Offset Voltage
5V
Without �ali��ation
(AnOF[4:0] = 10000B)
-15
—
+15 �V
With �ali��ation
-4
—
+4
�V
ISOURCE
Output Cu��ent
5V
INP=1V�INN=0V�VOUT=4.5V
�
5
—
�V
ISINK
5V
INP=0V�INN=1V�VOUT=0.5V
5
7
—
�V
VCM
Input Co��on Mode Range
5V
—
VSS
—
VDD-
1.4
V
A.C. Characteristics
AOL
Open Loop Gain
5V
—
�0
80
—
dB
SR
Slew Rate
5V
No Load
—
0.�
—
V/μs
GBW
OP Gain Bandwidth
5V
VCM=VDD-1.4
RL=1MΩ,CL=100pF
1
�
—
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com