Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3230 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F3230
Description  IR Sensing/Motor Driving Flash MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3230 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F3230 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
Rev. 1.00
12
January 13, 2017
Rev. 1.00
13
January 13, 2017
HT45F3230
IR Sensing/Motor Driving Flash MCU
HT45F3230
IR Sensing/Motor Driving Flash MCU
Internal Reference Voltage Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VBG
Bandgap Reference Voltage
—
tAD = fSYS/8
-5%
1.04
+5%
V
IBG
Additional Current for Bandgap
Reference Enable
—
LVR disable, LVD disable
—
200
300
μA
Note:TheBandgapreferencevoltageisusedastheA/Dconverterinternalsignalinput.
A/D Converter Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
AVDD
A/D Converter Operating Voltage
—
VREF=AVDD
2.7
—
5.5
V
VAD
A/D Converter Input Voltage
—
—
0
— AVDD/VREF
V
VREF
A/D Converter Reference Voltage
3V
—
2.0
—
AVDD
V
5V
—
2.0
—
AVDD
DNL
Differential Non-linearity
3V
VREF=AVDD=VDD,
tAD=0.5μs
-4
—
+3
LSB
5V
3V
VREF=AVDD=VDD,
tAD=10μs
5V
INL
Integral Non-linearity
3V
VREF=AVDD=VDD,
tAD=0.5μs
-4
—
+7
LSB
5V
3V
VREF=AVDD=VDD,
tAD=10μs
-4
—
+4
5V
IADC
Additional Current for A/D Converter Enable
3V
No load, tAD=0.5μs
—
1.0
2.0
mA
5V
—
1.5
3.0
tAD
A/D Clock Period
2.7V~5.5V
—
0.5
—
10
μs
tON2ST
A/D Converter On-to-Start Time
2.7V~5.5V
—
4
—
—
μs
tADS
A/D Sampling Time
2.7V~5.5V
—
4
tAD
tADC
A/D Conversion Time
2.7V~5.5V
—
16
—
20
tAD
Note:A/DconversiontimetADC=n×(A/Dconverterbits)+4×(SamplingTime),EveryconversionneedsanA/D
converterclockperiodtAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com