Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3230 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45F3230
Description  IR Sensing/Motor Driving Flash MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3230 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45F3230 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F3230 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 148 page
background image
Rev. 1.00
40
January 13, 2017
Rev. 1.00
41
January 13, 2017
HT45F3230
IR Sensing/Motor Driving Flash MCU
HT45F3230
IR Sensing/Motor Driving Flash MCU
NORMAL Mode
SLOW Mode
CKS2~CKS0 = 00xB &
HLCLK = 0
SLEEP0 Mode
IDLEN=0
HALT instruction is executed
SLEEP1 Mode
IDLE0 Mode
IDLE1 Mode
WDT is off
IDLEN=0
HALT instruction is executed
WDT is on
IDLEN=1, FSYSON=0
HALT instruction is executed
IDLEN=1, FSYSON=1
HALT instruction is executed
SLOW Mode to NORMAL Mode Switching
InSLOWModethesystemusesthelowspeedsystemoscillator,LIRC.Toswitchbacktothe
NORMALMode,wherethehighspeedsystemoscillatorisused,theHLCLKbitshouldbesetto
“1”orHLCLKbitis“0”,butCKS2~CKS0issetto“010”,“011”,“100”,“101”,“110”or“111”.As
acertainamountoftimewillberequiredforthehighfrequencyclocktostabilise,thestatusofthe
HTObitischecked.
NORMAL Mode
SLOW Mode
CKS2~CKS0 ≠ 000B or 001B
as HLCLK = 0 or HLCLK = 1
SLEEP0 Mode
IDLEN=0
HALT instruction is executed
SLEEP1 Mode
IDLE0 Mode
IDLE1 Mode
WDT is off
IDLEN=0
HALT instruction is executed
WDT is on
IDLEN=1, FSYSON=0
HALT instruction is executed
IDLEN=1, FSYSON=1
HALT instruction is executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com