Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3520 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F3520
Description  Personal Care Flash MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3520 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F3520 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
1�
De�e��e� 1�� �01�
HT45F3520/HT45F3530
Personal Care Flash MCU
HT45F3520/HT45F3530
Personal Care Flash MCU
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
IOH
I/O Po�t Sou��e Cu��ent ex�ept
PB4 (HT45F�5�0)
�V
VOH=0.9VDD
-�
-�
—
�A
5V
-7
-14
—
�A
PB4 Po�t Sou��e Cu��ent
(HT45F�5�0)
�V
VOH=0.9VDD
-18
-�8
—
�A
5V
-40
-80
—
�A
I/O Po�t Sou��e Cu��ent ex�ept
PC4 (HT45F�5�0)
�V VOH=0.9VDD �
SLEDCn[�+1� �]=00B
(n=0�1; �=0 o� � o� 4 o� �)
-1.0
-�.0
—
�A
5V
-�.0
-4.0
—
�A
�V VOH=0.9VDD �
SLEDCn[�+1� �]=01B
(n=0�1; �=0 o� � o� 4 o� �)
-1.75
-�.5
—
�A
5V
-�.5
-7.0
—
�A
�V VOH=0.9VDD �
SLEDCn[�+1� �]=10B
(n=0�1; �=0 o� � o� 4 o� �)
-�.5
-5.0
—
�A
5V
-5.0
-10
—
�A
�V VOH=0.9VDD �
SLEDCn[�+1� �]=11B
(n=0�1; �=0 o� � o� 4 o� �)
-5.5
-11
—
�A
5V
-11
-��
—
�A
PC4 Po�t Sou��e Cu��ent
(HT45F�5�0)
�V
VOH=0.9VDD
-18
-�8
—
�A
5V
-40
-80
—
�A
RPH
Pull-high Resistan�e fo� I/O
Po�ts
�V
—
�0
�0
100
kΩ
5V
—
10
�0
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com