Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F3520 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45F3520
Description  Personal Care Flash MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3520 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45F3520 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
Rev. 1.10
�0
De�e��e� 1�� �01�
Rev. 1.10
�1
De�e��e� 1�� �01�
HT45F3520/HT45F3530
Personal Care Flash MCU
HT45F3520/HT45F3530
Personal Care Flash MCU
Flash Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Forthedevicesthe
ProgramMemoryisFlashtype,whichmeansitcanbeprogrammedandre-programmedalarge
numberoftimes,allowingtheusertheconvenienceofcodemodificationonthesamedevice.By
usingtheappropriateprogrammingtools,theFlashdeviceoffersuserstheflexibilitytoconveniently
debuganddeveloptheirapplicationswhilealsoofferingameansoffieldprogrammingand
updating.
Structure
TheProgramMemoryhasacapacityof1K×14~2K×15bits.TheProgramMemoryisaddressed
bytheProgramCounterandalsocontainsdata,tableinformationandinterruptentries.Tabledata,
whichcanbesetupinanylocationwithintheProgramMemory,isaddressedbyaseparatetable
pointerregister.
Device
Capacity
HT45F�5�0
1K×14
HT45F�5�0
�K×15
000H
004H
01CH
�FFH
Reset
Inte��upt
Ve�to�
14 �its
Reset
Inte��upt
Ve�to�
15 �its
7FFH
HT45F�5�0
HT45F�5�0
0�0H
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com