Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4830 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F4830
Description  Digital Servo Flash MCU with Driver
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4830 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F4830 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
Rev. 1.12
12
April 11, 2017
Rev. 1.12
13
April 11, 2017
HT45F4830
Digital Servo Flash MCU with Driver
HT45F4830
Digital Servo Flash MCU with Driver
LVR Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
—
LVR Enable
-5%
2.1
+5%
V
tLVR
Low Voltage Width to Reset
—
—
160
320
640
μs
LDO Electrical Characteristics
VIN=VOUT(Norminal)+1V, CLOAD=10μF+0.1μF, Ta= -40°C~85°C, unless otherwise specify
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VIN
Conditions
VIN
Input Voltage
—
—
3.5
6
8.4
V
VOUT
Output Voltage
—
Ta=25°C, ILOAD=1mA, VOUT=3.0V
-2%
3.0
2%
V
—
Ta= -40°C ~ 85°C,
ILOAD=1mA, VOUT=3.0V
-5%
3.0
5%
V
ΔVLOAD
Load Regulation(Note 1)
—
1mA ≤ ILOAD ≤ 70mA,
—
0.015 0.033 %/mA
VDROP
Dropout Voltage(Note 2)
—
ΔVOUT=2%, ILOAD=1mA
—
20
—
mV
—
ΔVOUT=2%, ILOAD=10mA
—
100
—
mV
—
VIN=VOUT + 1.5V,
ΔVOUT=2%, ILOAD=70mA
—
600
1000
mV
IOUT
Output Current
—
VIN=VOUT + 1V, VOUT=3V,
ΔVOUT= -3%
35
—
—
mA
—
VIN=VOUT + 2V, VOUT=3V,
ΔVOUT= -3%
70
—
—
mA
IQ
Quiescent Current
12V No load
—
5
7
μA
ΔVLINE
Line Regulation
—
VOUT + 1V ≤ VIN ≤ 12V,
ILOAD=1mA
—
—
0.2
%/V
TC
Temperature Coefficient
—
Ta= -40°C ~ 85°C, ILOAD=10mA
—
±1.5
±2
mV/°C
ISD
Shutdown Current
—
LDO disable
—
—
1
μA
ΔVOUT_
RIPPLE
Output Voltage Ripple
6V ILOAD=10mA
—
—
40
mV
RR
Ripple Rejection(Note 3)
—
VIN=10VDC + 2VP-P(AC),
ILOAD≤70mA, f=120Hz
35
—
—
dB
ILIMIT
Current Limit
6V ΔVOUT= -10%
225
380
—
mA
tSTART
LDO Startup Time
6V ILOAD=1mA, VOUT settle to ± 5%
—
—
10
ms
Note:1.Loadregulationismeasuredataconstantjunctiontemperature,usingpulsetestingwithalowONtime
andisguaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbytheinput/
outputdifferentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnotbe
availableoverthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambient
temperatureisPD=(TJ(MAX)-Ta)/θJA.
2.Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatappointedVIN.
3.RR=20×log(ΔVIN/ΔVOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com