Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4830 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45F4830
Description  Digital Servo Flash MCU with Driver
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4830 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45F4830 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F4830 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
Rev. 1.11
40
April 11, 2017
Rev. 1.11
41
April 11, 2017
HT45F4830
Digital Servo Flash MCU with Driver
HT45F4830
Digital Servo Flash MCU with Driver
Entering the IDLE0 Mode
ThereisonlyonewayforthedevicetoentertheIDLE0Modeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwiththeFHIDENbitinSCCregisterequalto"0"andthe
FSIDENbitinSCCregisterequalto"1".Whenthisinstructionisexecutedundertheconditions
describedabove,thefollowingwilloccur:
• ThefHclockwillbestoppedandtheapplicationprogramwillstopatthe"HALT"instruction,but
thefSUBclockwillbeon.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflagPDFwillbeset,andWDTtimeoutflagTOwillbe
cleared.
• TheWDTwillbeclearedandresumecountingastheWDTfunctionisalwaysenabled.
Entering the IDLE1 Mode
ThereisonlyonewayforthedevicetoentertheIDLE0Modeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwithboththeFHIDENandFSIDENbitsintheSCCregister
equalto"1".Whenthisinstructionisexecutedundertheconditionsdescribedabove,thefollowing
willoccur:
• ThefHandfSUBclockswillbeonandtheapplicationprogramwillstopatthe"HALT"instruction.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflagPDFwillbeset,andWDTtimeoutflagTOwillbe
cleared.
• TheWDTwillbeclearedandresumecountingastheWDTfunctionisalwaysenabled.
Entering the IDLE2 Mode
ThereisonlyonewayforthedevicetoentertheIDLE2Modeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwiththeFHIDENbitintheSCCregisterequalto"1"andthe
FSIDENbitintheSCCregisterequalto"0".Whenthisinstructionisexecutedundertheconditions
describedabove,thefollowingwilloccur:
• ThefHclockwillbeonbutthefSUBclockwillbeoffandtheapplicationprogramwillstopatthe
"HALT"instruction.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflagPDFwillbeset,andWDTtimeoutflagTOwillbe
cleared.
• TheWDTwillbeclearedandresumecountingastheWDTfunctionisalwaysenabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com