Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD310700ASCL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD310700ASCL
Description  PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD310700ASCL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD310700ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD310700A/ALD310700, Vers. 1.1
Advanced Linear Devices, Inc.
2 of 9
These devices are built to offer minimum offset voltage and differential
thermal response, and they can also be used for switching and
amplifying applications in -0.40V to -8.0V (+/-0.20V to +/-4.0V)
powered systems where low input bias current, low input capacitance,
and fast switching speed are desired. These devices, exhibiting well
controlled turn-off and sub-threshold characteristics, operate the
same as standard enhancement mode P-Channel MOSFETs.
However, the precision of the Gate Threshold Voltage enable two
key additional characteristics, or operating features. First, the
operating current level varies exponentially with gate bias voltage at
GENERAL DESCRIPTION (cont.)
or below the Gate Threshold Voltage (subthreshold region). Second,
the circuit can be biased and operated in the subthreshold region
with nA of bias current and nW of power dissipation.
For most general applications, connect the V+ pin to the most
positive voltage and the V- and IC (internally-connected) pins to the
most negative voltage in the system. All other pins must have
voltages within these voltage limits at all times. Standard ESD
protection facilities and procedures for static sensitive devices are
required when handling these devices.
ABSOLUTE MAXIMUM RATINGS
Drain-Source voltage, VDS
-8.0V
Gate-Source voltage, VGS
-8.0V
Operating Current
80mA
Power dissipation
500mW
Operating temperature range SCL, PCL
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
Notes:
1 Consists of junction leakage currents
2
Sample tested parameters
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V V- = GND TA = 25°C unless otherwise specified
ALD310700A
ALD310700
Gate Threshold
VGS(th)
-0.02
0.00
0.02
-0.02
0.00
0.02
V
IDS = -1µA, VDS = -0.1V
Voltage
Offset Voltage
VOS
1
2
2
10
mV
VGS(th)M1 - VGS(th)M2 or
VGS(th)M3 - VGS(th)M4
Gate Threshold
TCVGS(th)
-2
-2
mV/°C
Temperature
Drain Source On
IDS(ON)
-2.07
-2.07
mA
VGS = VDS = -5.0V
Current
Transconductance
GFS
570
570
µA/V
VGS = VDS = -5.0V
Current2
Transconductance
∆GFS
11
%
VGS = VDS = -5.0V
Mismatch
Output Conductance2
GOS
48
48
µA/V
VGS(th) = -4.0V,
VDS = -5.0V
Drain Source On
RDS(ON)
1.1
1.1
KΩ
VGS = -5.0V,
Resistance
VDS = -0.1V
Drain Source On
∆RDS(ON)
11
%
Resistance Mismatch
Drain Source
BVDSX
-8.0
-8.0
V
Breakdown
Drain Source
IDS (OFF)
400
400
pA
Leakage Current1
Gate Leakage Current
IGSS
200
200
pA
Input Capacitance 2
CISS
2.5
2.5
pF
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com