Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD310700ASCL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD310700ASCL
Description  PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD310700ASCL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD310700ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD310700ASCL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD310700A/ALD310700, Vers. 1.1
Advanced Linear Devices, Inc.
3 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
LOW VOLTAGE OUTPUT
CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
-0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2
0.3
500
400
200
0
-200
-400
-500
0.4
0.5
-0.5
-100
-300
300
100
VGS - VGS(th) = -1V
V+ = 0V
V- = -5V
TA = +25°C
-2V
-4V
-5V
-3V
DRAIN SOURCE ON CURRENT vs.
GATE AND DRAIN SOURCE VOLTAGE
GATE AND DRAIN SOURCE VOLTAGE
VGS = VDS (V)
-2500
-1500
0
-500
-2000
-1000
0
-1
-3
-4
-5
-2
V- = -5V
TA = +25°C
ALD310702
ALD310704
ALD310700
ALD310708
OUTPUT CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
0
-1
-3
-4
-5
-2
-2500
-1500
0
-500
-2000
-1000
VGS = VGS(th) - 4V
VGS = VGS(th) - 2V
VGS = VGS(th) - 1V
VGS = VGS(th) - 3V
V- = -5.0V
TA = +25°C
VGS = VGS(th) - 5V
FORWARD TRANSFER CHARACTERISTICS
GATE SOURCE VOLTAGE - VGS (V)
1.0
0.5
-0.5
-1.0
-3.0
0.0
-2.0
-2.5
-1.5
-70
-60
-50
-40
-30
-20
-10
0
ALD310700
ALD310702
ALD310704
ALD310708
VDS = -0.1V
V+ = 0V
V- = -5V
TA = +25°C
OUTPUT CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
-2500
-2000
-1500
-1000
-500
0
-5
-4
-3
-2
-1
0
VGS = VGS(th) - 4V
+125°C
+70°C
-45°C
+25°C
-25°C
0°C
+85°C
FORWARD TRANSFER CHARACTERISTICS
(SUBTHRESHOLD)
GATE SOURCE VOLTAGE - VGS (V)
1.0
0.5
-0.5
-1.0
-3.0
0.0
-2.0
-2.5
-1.5
100000
10000
1000
100
10
1
0.1
0.01
ALD310700
VDS = -0.1V
V+ = 0V
V- = -5V
TA = +25°C
ALD310702
ALD310704
ALD310708



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com