Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8352AL2-AX Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # PS8352AL2-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2-AX Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button PS8352AL2-AX Datasheet HTML 11Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 12Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 13Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 14Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 15Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 16Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 17Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 18Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
PS8352AL2
Chapter Title
R08DS0132EJ0100 Rev.1.00
Page 15 of 19
Aug 31, 2015
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
C
60 seconds or less
• Time to preheat temperature from 120 to 180
C
120
30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220
°C
180
°C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260
°C MAX.
120
°C
(2) Wave soldering
• Temperature
260
C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content
of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature)
350
C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com