Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8352AL2-AX Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # PS8352AL2-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2-AX Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button PS8352AL2-AX Datasheet HTML 12Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 13Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 14Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 15Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 16Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 17Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 18Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 19Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PS8352AL2
Chapter Title
R08DS0132EJ0100 Rev.1.00
Page 16 of 19
Aug 31, 2015
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output at startup, the output
transistor may enter the on state, even if the voltage is within the absolute maximum ratings.
USAGE CAUTIONS
1.
Usage cautions
(1) This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
(2) When the primary power supply (VDD1) is off and only the secondary power supply (VDD2) is being applied
(VDD1 = 0 V and VDD2 = 5 V), VOUT+ outputs a low level, and VOUT− outputs a high level (VOUT+ = 1.3 V TYP.,
VOUT– = 3.8 V TYP.), regardless of the input voltages (VIN+ and VIN−).
(3) The output level of VOUT+ and VOUT− might be unstable for several seconds immediately after the secondary
power supply (VDD2) is applied while the primary power supply (VDD1) is being applied.
2.
Board designing
(1) By-pass capacitor of more than 0.1
F is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
(2) Keep the pattern connected the input (VIN+, VIN-) and the output (VOUT+, VOUT-), respectively, as short as possible.
(3) Do not connect any routing to the portion of the frame exposed between the pins on the package of the
photocoupler. If connected, it will affect the photocoupler's internal voltage and the photocoupler will not
operate normally.
(4) Because the maximum frequency of the signal input to the photocoupler must be lower than the allowable
frequency band, be sure to connect an anti-aliasing filter (an RC filter with R = 68
 and C = 0.01
F, for
example).
(5) The signals output from the PS8352A include noise elements such as chopping noise and quantization noise
generated internally. Therefore, be sure to restrict the output frequency to the required bandwidth by adding a
low-pass filter function (an RC filter with R =10 k
 and C = 150 pF, for example) to the operational amplifier
(post amplifier) in the next stage to the PS8352A.
3.
Avoid storage at a high temperature and high humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com