Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD310708 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD310708
Description  PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ENHANCED MODE MATCHED PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD310708 Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD310708 Datasheet HTML 1Page - Advanced Linear Devices ALD310708 Datasheet HTML 2Page - Advanced Linear Devices ALD310708 Datasheet HTML 3Page - Advanced Linear Devices ALD310708 Datasheet HTML 4Page - Advanced Linear Devices ALD310708 Datasheet HTML 5Page - Advanced Linear Devices ALD310708 Datasheet HTML 6Page - Advanced Linear Devices ALD310708 Datasheet HTML 7Page - Advanced Linear Devices ALD310708 Datasheet HTML 8Page - Advanced Linear Devices ALD310708 Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALD310708A/ALD310708, Vers. 1.5
Advanced Linear Devices, Inc.
4 of 9
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
GATE THRESHOLD VOLTAGE vs.
DRAIN SOURCE VOLTAGE
DRAIN SOURCE VOLTAGE - VDS (V)
0
-1
-3
-4
-5
-2
1.0
0
-1.0
0.5
-0.5
V- = -5V
TA = +25°C
ALD310702
ALD310704
ALD310700
ALD310708
GATE THRESHOLD VOLTAGE
vs. SUBSTRATE BIAS
SUBSTRATE BIAS - V+ (V)
0
1
3
48
2
-1.5
0
-0.5
-2.0
-1.0
6
7
5
ALD310704
VDS = -0.1V
V- = -5V
TA = +25°C
ALD310702
ALD310708
ALD310700
FORWARD TRANSFER CHARACTERISTICS
EXPANDED (SUBTHRESHOLD)
GATE SOURCE VOLTAGE - VGS (V)
10
1
0.1
0.01
0.001
0.0001
0.00001
0.000001
100
1.0
0.0
0.5
-0.5
-1.0
-1.5
-2.0
ALD310700
ALD310704
ALD310702
ALD310708
VDS = -5.0V
V+ = 0V
V- = -5V
TA = +25°C
GATE THRESHOLD VOLTAGE
vs. V- VOLTAGE
V- VOLTAGE (V)
0
-1
-3
-4
-8
-2
-6
-7
-5
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
VDS = -0.1V
V+ = 0V
TA = +25°C
ALD310708:
VGS(th)
= -0.800V
ALD310704:
VGS(th)
= -0.400V
ALD310700:
VGS(th)
= 0.000V
ALD310702:
VGS(th)
= -0.200V
GATE THRESHOLD VOLTAGE
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE - TA (°C)
-1.0
0
1.0
-0.5
0.5
-50
0
-25
+25
+50
+75
+100
+125
ALD310704
ALD310700
ALD310708
VDS = -0.1V
V+ = 0V
V- = -5V
ALD310702
GATE SOURCE OVERDRIVE VOLTAGE
VGS - VGS(th) (V)
0.6
0.5
0.3
0.2
-0.2
0.4
0.0
-0.1
0.1
100000
10000
1000
100
10
1
0.1
0.01
FORWARD TRANSFER CHARACTERISTICS
FURTHER EXPANDED (SUBTHRESHOLD)
VDS = -5V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com