Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD310708 Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD310708
Description  PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ENHANCED MODE MATCHED PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD310708 Datasheet(HTML) 7 Page - Advanced Linear Devices

  ALD310708 Datasheet HTML 1Page - Advanced Linear Devices ALD310708 Datasheet HTML 2Page - Advanced Linear Devices ALD310708 Datasheet HTML 3Page - Advanced Linear Devices ALD310708 Datasheet HTML 4Page - Advanced Linear Devices ALD310708 Datasheet HTML 5Page - Advanced Linear Devices ALD310708 Datasheet HTML 6Page - Advanced Linear Devices ALD310708 Datasheet HTML 7Page - Advanced Linear Devices ALD310708 Datasheet HTML 8Page - Advanced Linear Devices ALD310708 Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ALD310708A/ALD310708, Vers. 1.5
Advanced Linear Devices, Inc.
7 of 9
TYPICAL APPLICATIONS (cont.)
0.5% LOW VOLTAGE PRECISION CURRENT MIRRORS
0.5% PRECISION LOW VOLTAGE CASCODE CURRENT SOURCES
0.5% PRECISION LOW TEMPCO CASCODE CURRENT SOURCES
ISOURCE
V+ = +2.0V to +5.0V
RSET
ISET
M1
M2
V+ = +2.0V to +5.0V
M4
I SOURCE
M3
RSET
ISET
M1, M2: N-Channel MOSFET
M3, M4: P-Channel MOSFET
ISOURCE = ISET =
V+ - Vt
RSET
1/2 ALD310708
1/2 ALD1108xx,
1/2 ALD2108xx,
ALD1109xx or
ALD2129xx
1.5KΩ < RSET < 5.0MΩ
ISOURCE = ISET =
V+ - Vt
RSET
MPA1...MPA4: ALD310708 P-Channel MOSFET (1st individual pkg)
MPB1...MPB4: ALD310708 P-Channel MOSFET (2nd individual pkg)
MPA1
MPA4
V+ = +3.0V to +5.0V
MPA3
MPA2
MPB1
MPB4
MPB3
MPB2
RSET
ISET
ALD310708
ALD310708
ISOURCE
V+ - 2Vt
RSET
(
)
ISOURCE = 3 . ISET = 3
ISET
V+ = +3.0V to +5.0V
M2
ISOURCE
RSET
M3
M1
M1, M2, M3, M4: N-Channel MOSFET
M4
ISET
V+ = +3.0V to +5.0V
M1
M4
M2
M3
ISOURCE
ISOURCE = ISET =
V+ - 2Vt
RSET
RSET
M1, M2, M3, M4: P-Channel MOSFET
Temperature stable <= 50ppm/°C when ISET = 57µA.
ALD1108xx or
ALD2108xx
ALD310708



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com