Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7M2127 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT7M2127
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2127 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT7M2127 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Rev. 1.20
13
June 17, 2016
HT7M2126/27/36/56/76
SCL
SDA
SCL
SDA
1
2
3
4
56
7
8
1
2
34
5
6
78
0
01
1
00
W
A
C
K
00
00
0
00
1
1
S
A
C
K
Address Byte
HT7M21xx
Configuration Pointer
HT7M21xx
1
2
3
4
56
7
8
1
2
34
5
6
78
1
1
1
1
100
A
C
K
0
0
01
0
00
P
0
A
C
K
MSB Data
HT7M21xx
LSB Data
HT7M21xx
0
Note:Thisisanexampleroutine:(SeeAppendixB:“SourceCode”)
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE); // WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(0x01);
// Write CONFIG Register
i2c_write(0x7c); //Writeconfigdata
i2c_write(0x10); //Writeconfigdata
i2c_stop();
// send STOP command
• Reading the CONFIG Register
SCL
SDA
SCL
SDA
12 3 4 5 67 8
1 2 3 45
6 7 8
0 0 1 1 0 0W
A
C
K
00 00 0 00 1
1
S
A
C
K
Address Byte
HT7M21xx
Configuration Pointer HT7M21xx
12 3 4 5 67 8
1 2 3 45
6 7 8
0 0 1 1 0 0R
A
C
K
01 11 1 10 0
1
S
A
C
K
Address Byte
HT7M21xx
MSB Data
HT7M21xx
1 2 34 5
6 78
0 0 0 10 00 0
N
A
K
P
LSB Data
HT7M21xx
Note: 1. It is not necessary to select the register pointer if it was set from the previous read/write.
2.Thisisanexampleroutine:(SeeAppendixB:“SourceCode”)
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE);
// WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(0x01);
// Write CONFIG Register
i2c_start();
// send Repeat START command
i2c_write(AddressByte | 0x01);
// READ Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com