Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7M2127 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7M2127
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2127 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7M2127 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Rev. 1.20
2
June 17, 2016
HT7M2126/27/36/56/76
Mode Selection
The MODE/ACT (MODE/DT) pin is used to select the Network or Stand�alone mode. When a pull�low resistor is
externally connected between the MODE/ACT (MODE/DT) pin to the ground, the Stand�alone mode is selected.
Otherwise, the Network mode is selected if a pull�high resistor or no resistor is externally on this pin.
Network Application Circuit – Network Mode
Photo transistor
150K
HT7M21xx
VDD
VSS
MODE/ACT
SCL
VDD
I²C Interface
MCU
SDA
FTS
Interface & Pin Assignment – Network Mode
Pin #
Function
Description
1
VSS
Negative power supply, GND
2
VDD
Positive power supply
3
SDA
Serial Data Input/Output for I2C interface
4
SCL
Serial Clock Input for I2C interface
5
FTS
Photo transistor signal
6
VSS
Negative power supply, GND
7
MODE/ACT
Mode Selection/Motion Detection Output
8
TP1
No connection (Test pin)
Note: When the HT7M21xx selects Network mode and the internal enable bit ACTEN is high, the MODE/ACT
pin will output a high pulse signal with a width of 30 seconds.
Stand-alone Application Circuit – Stand-alone Mode
HT7M21xx
VDD
TRO
VSS
VCC
STATUS
MODE/ACT
FTS
VDD
CT=0.22uF
RA=1.8K
RT
Photo transistor
150K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com