Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F52231 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT32F52231
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52231 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT32F52231 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 44Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 45Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 46Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 47Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 48Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 49Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 50Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
Rev. 1.51
49 of 50
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52231/HT32F52241/HT32F52331/HT32F52341
48-pin LQFP (7mm×7mm) Outline Dimensions
36
25
37
24
13
12
1
48
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.354 BSC
—
B
—
0.276 BSC
—
C
—
0.354 BSC
—
D
—
0.276 BSC
—
E
—
0.020 BSC
—
F
0.007
0.009
0.011
G
0.053
0.055
0.057
H
—
—
0.063
I
0.002
—
0.006
J
0.018
0.024
0.030
K
0.004
—
0.008
α
0°
―
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
9.000 BSC
—
B
—
7.000 BSC
—
C
—
9.000 BSC
—
D
—
7.000 BSC
—
E
—
0.500 BSC
—
F
0.170
0.220
0.270
G
1.350
1.400
1.450
H
—
—
1.600
I
0.050
—
0.150
J
0.450
0.600
0.750
K
0.090
—
0.200
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com