Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F52231 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT32F52231
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52231 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT32F52231 Datasheet HTML 1Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 2Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52231 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Rev. 1.51
3 of 50
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52231/HT32F52241/HT32F52331/HT32F52341
5 Electrical Characteristics..................................................................................... 32
Absolute Maximum Ratings ................................................................................................. 32
Recommended DC Operating Conditions ........................................................................... 32
On-Chip LDO Voltage Regulator Characteristics................................................................. 32
Power Consumption ............................................................................................................ 33
Reset and Supply Monitor Characteristics........................................................................... 35
External Clock Characteristics............................................................................................. 36
Internal Clock Characteristics .............................................................................................. 37
PLL Characteristics.............................................................................................................. 37
Memory Characteristics ....................................................................................................... 37
I/O Port Characteristics........................................................................................................ 38
ADC Characteristics ............................................................................................................ 39
SCTM/GPTM/MCTM Characteristics................................................................................... 40
I2C Characteristics ............................................................................................................... 41
SPI Characteristics .............................................................................................................. 42
USB Characteristics............................................................................................................. 44
6 Package Information ............................................................................................ 45
24-pin SSOP (150mil) Outline Dimensions.......................................................................... 46
28-pin SSOP (150mil) Outline Dimensions.......................................................................... 47
SAW Type 33-pin (4mm×4mm) QFN Outline Dimensions................................................... 48
48-pin LQFP (7mm×7mm) Outline Dimensions................................................................... 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com