Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F4892 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT67F4892
Description  Enhanced A/D Flash MCU with LCD & EEPROM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F4892 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT67F4892 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 188 page
background image
Rev. 1.00
38
�ove��e� ��� �01�
Rev. 1.00
39
�ove��e� ��� �01�
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
External High Speed Crystal Oscillator – HXT
ThesimpleconnectionofacrystalacrossOSC1andOSC2willcreatethenecessaryphaseshiftand
feedbackforoscillation.However,forsomecrystalsandmostresonatortypes,toensureoscillation
andaccuratefrequencygeneration,itisnecessarytoaddtwosmallvalueexternalcapacitors,C1and
C2.TheexactvaluesofC1andC2shouldbeselectedinconsultationwiththecrystalorresonator
manufacturer’sspecification.Anadditionalconfigurationoptionmustbesetuptoconfigurethe
deviceaccordingtowhethertheoscillatorfrequencyishigh,definedasequaltoorabove1MHz,or
low,whichisdefinedasbelow1MHz.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.
�ote: 1. RP is normally not required. C1 and C� are required.
�. Although not shown OSC1/OSC� pins have a pa�asitic
capacitance of a�ound 7pF.
To inte�nal
ci�cuits
Internal
Oscillator
Circuit
C1
C�
OSC1
OSC�
RF
RP
Crystal/Resonator Oscillator – HXT
HXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
1�MHz
0 pF
0 pF
8MHz
0 pF
0 pF
�MHz
0 pF
0 pF
1MHz
100 pF
100 pF
�55kHz (�ote �)
100 pF
100 pF
�ote: 1. C1 and C� values a�e fo� guidance only.
2. HXT mode configuration option: 455kHz.
Crystal Recommended Capacitor Values
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
The internal RC oscillator has a fixed frequency of 8MHz. Device trimming during the
manufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareusedto
ensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimised.Notethatifthisinternalsystemclockoptionisselected,asit
requiresnoexternalpinsforitsoperation,I/OpinsarefreeforuseasnormalI/Opins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com