Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F4892 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT67F4892
Description  Enhanced A/D Flash MCU with LCD & EEPROM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F4892 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT67F4892 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 188 page
background image
Rev. 1.00
�0
�ove��e� ��� �01�
Rev. 1.00
�1
�ove��e� ��� �01�
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
LXT Oscillator Low Power Function
TheLXToscillatorcanfunctioninoneoftwomodes,theQuickStartModeandtheLowPower
Mode.ThemodeselectionisexecutedusingtheLXTLPbitintheFSUBCregister.
• FSUBC Register
Bit
7
6
5
4
3
2
1
0
�a�e
LXTLP
FSUB�
FSUB5
FSUB�
FSUB3
FSUB�
FSUB1
FSUB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
1
0
1
0
1
0
Bit7
LXTLP:LXTLowPowerControl
0:QuickStartMode
1:LowPowerMode
Bit6~0
FSUB6~FSUB0:fSUBclocksourceselection
0101010:LIRC
1010101:LXT
Other:MCUreset
Afterpoweron,theLXTLPbitwillbeautomaticallyclearedtozeroensuringthatthe
LXToscillatorisintheQuickStartoperatingmode.IntheQuickStartModetheLXT
oscillatorwillpowerupandstabilisequickly.However,aftertheLXToscillatorhas
fullypoweredupitcanbeplacedintotheLow-powermodebysettingtheLXTLP
bithigh.Theoscillatorwillcontinuetorunbutwithreducedcurrentconsumption,as
thehighercurrentconsumptionisonlyrequiredduringtheLXToscillatorstart-up.In
powersensitiveapplications,suchasbatteryapplications,wherepowerconsumption
mustbekepttoaminimum,itisthereforerecommendedthattheapplicationprogram
setstheLXTLPbithighabout2secondsafterpower-on.
Itshouldbenotedthat,nomatterwhatconditiontheLXTLPbitissetto,theLXT
oscillatorwillalwaysfunctionnormally,theonlydifferenceisthatitwilltakemore
timetostartupifintheLow-powermode.
Internal 32kHz Oscillator – LIRC
Theinternal32kHzsystemoscillatorisoneofthelowfrequencyoscillatorchoices,whichis
selectedviatheFSUBCregister.ItisafullyintegratedRCoscillatorwithatypicalfrequencyof
32kHzat5V,requiringnoexternalcomponentsforitsimplementation.Devicetrimmingduring
themanufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareused
toensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimised.Asaresult,atapowersupplyof5Vandatatemperatureof
25°Cdegrees,thefixedoscillationfrequencyof32kHzwillhaveatolerancewithin10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com