Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F2390 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT67F2390
Description  Advanced A/D Flash MCU with LCD & EEPROM
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F2390 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT67F2390 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 292 page
background image
Rev. 1.00
�0
De�e��e� 0�� �01�
Rev. 1.00
�1
De�e��e� 0�� �01�
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
Pad Name
Function
OPT
I/T
O/T
Description
PG�/COM�
PG�
PGPU
PGS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
COM�
PGS1
—
LCD
LCD �o��on output
PG7/COM3
PG7
PGPU
PGS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
COM3
PGS1
—
LCD
LCD �o��on output
PJ0/COM4/SEG0
PJ0
PJPU
PJS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
COM4
PJS0
—
LCD
LCD �o��on output
SEG0
PJS0
—
LCD
LCD seg�ent output
PJ1/COM5/SEG1
PJ1
PJPU
PJS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
COM5
PJS0
—
LCD
LCD �o��on output
SEG1
PJS0
—
LCD
LCD seg�ent output
PJ�/COM�/SEG�
PJ�
PJPU
PJS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
COM�
PJS0
—
LCD
LCD �o��on output
SEG�
PJS0
—
LCD
LCD seg�ent output
PJ3/COM7/SEG3
PJ3
PJPU
PJS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
COM7
PJS0
—
LCD
LCD �o��on output
SEG3
PJS0
—
LCD
LCD seg�ent output
PJ�/PTCK5/SEG10
PJ�
PJPU
PJS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
PTCK5
PJS1
ST
—
PTM5 �lo�k input
SEG10
PJS1
—
LCD
LCD seg�ent output
PJ7/PTCK4/SEG11
PJ7
PJPU
PJS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
PTCK4
PJS1
ST
—
PTM4 �lo�k input
SEG11
PJS1
—
LCD
LCD seg�ent output
VDD
VDD
—
PWR
—
Positive powe� supply
VSS
VSS
—
PWR
—
Negative powe� supply� g�ound.
AVDD
AVDD
—
PWR
—
Analog positive powe� supply
AVSS
AVSS
—
PWR
—
Analog negative powe� supply� g�ound.
VMAX
VMAX
—
PWR
—
IC �axi�u� voltage� �onne�ted to VDD o� V1.
V1
V1
—
PWR
AN
LCD voltage pu�p
PLCD
PLCD
—
PWR
AN
LCD powe� supply
Legend:I/T:Inputtype;
O/T:Outputtype;
OPT:Optionalbyregisteroption;
CMOS:CMOSoutput;
NMOS:NMOSoutput;
ST:SchmittTriggerinput;
AN:Analogsignal;
HXT:Highfrequencycrystaloscillator; LXT:Lowfrequencycrystaloscillator;
LCD:LCDSEG/COMoutput;
PWR:Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com