Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F2390 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT67F2390
Description  Advanced A/D Flash MCU with LCD & EEPROM
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F2390 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT67F2390 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F2390 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 292 page
background image
Rev. 1.00
40
De�e��e� 0�� �01�
Rev. 1.00
41
De�e��e� 0�� �01�
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
Standby Current Characteristics
Ta=�5°C
Symbol
Standby Mode
Test Conditions
Min. Typ. Max.
Max.
Unit
VDD
Conditions
85°C
ISTB
SLEEP Mode
�.�V
WDT off
—
0.�
0.�
0.7
μA
3V
—
0.�
0.8
1
5V
—
0.5
1
1.�
�.�V
WDT on
—
1.�
�.4
�.9
μA
3V
—
—
3
3.�
5V
—
—
5
�
IDLE0 Mode
�.�V
fSUB on
—
�.4
4
4.8
μA
3V
—
3
5
�
5V
—
5
10
1�
IDLE1 Mode – HIRC
�.�V
fSUB on� fSYS=8MHz
—
0.3
0.�
0.8
�A
3V
—
0.5
1.0
1.�
5V
—
1.0
�.0
�.�
�.7V
fSUB on� fSYS=1�MHz
—
0.4
0.8
1.0
�A
3V
—
0.�
1.�
1.4
5V
—
1.�
�.4
�.�
3.3V
fSUB on� fSYS=1�MHz
—
1.5
3.0
3.�
�A
5V
—
�.0
4.0
4.�
IDLE1 Mode – HXT
�.�V
fSUB on� fSYS=8MHz
—
0.3
0.�
0.8
�A
3V
—
0.5
1.0
1.�
5V
—
1.0
�.0
�.�
�.7V
fSUB on� fSYS=1�MHz
—
0.4
0.8
1.0
�A
3V
—
0.�
1.�
1.4
5V
—
1.�
�.4
�.�
3.3V
fSUB on� fSYS=1�MHz
—
1.5
3.0
3.�
�A
5V
—
�.0
4.0
4.�
Notes:Whenusingthecharacteristictabledata,thefollowingnotesshouldbetakenintoconsideration:
• Anydigitalinputsaresetupinanonfloatingcondition.
• Allmeasurementsaretakenunderconditionsofnoloadandwithallperipheralsinanoffstate.
• TherearenoDCcurrentpaths.
• AllStandbyCurrentvaluesaretakenafteraHALTinstructionexecutionthusstoppingallinstruction
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com