Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F350 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT69F350
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F350 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT69F350 Datasheet HTML 45Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 46Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 47Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 48Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 49Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 50Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 51Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 52Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 235 page
background image
Rev. 1.30
4�
�ove��e� 1�� �01�
Rev. 1.30
49
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Special Pu�pose
Data Me�o�y
Gene�al Pu�pose
Data Me�o�y
00H
7FH
�0H
FFH
Secto� n
Secto� �
LCD Me�o�y
in Secto� 1
Secto� 1
Secto� 0
Note:n=2forHT69F340,n=4forHT69F350,n=8forHT69F360
Data Memory Structure
Data Memory Addressing
Forthesedevicesthatsupporttheextendedinstructions,thereisnoBankPointerforDataMemory.
TheProgrammemoryBankPointer,PBP,isonlyavailableforProgramMemoryoftheHT69F360
device.ForDataMemorythedesiredSectorispointedbytheMP1HorMP2Hregisterandacertain
DataMemoryaddressintheselectedsectorisspecifiedbytheMP1LorMP2Lregisterwhenusing
indirectaddressingaccess.
DirectAddressingcanbeusedinallsectorsusingthecorrespondinginstructionwhichcanaddress
allavailabledatamemoryspace.Fortheaccesseddatamemorywhichislocatedinanydatamemory
sectorsexceptsector0,theextendedinstructionscanbeusedtoaccessthedatamemoryinstead
ofusingtheindirectaddressingaccess.Themaindifferencebetweenstandardinstructionsand
extendedinstructionsisthatthedatamemoryaddress“m”intheextendedinstructionscanbeupto
12-bit,thehighbyteindicatesasectorandthelowbyteindicatesaspecificaddress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com