Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F350 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT69F350
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F350 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT69F350 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 38Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 39Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 40Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 41Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 42Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 235 page
background image
Rev. 1.30
3�
�ove��e� 1�� �01�
Rev. 1.30
39
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
In Application Programming – IAP
ThisseriesdevicesofferIAPfunctiontoupdatedataorapplicationprogramtoFlashROM.Users
candefineanyROMlocationforIAP,buttherearesomefeatureswhichusersmustnoticeinusing
IAPfunction.NotethattheHT69F340devicesupportsthe"BlockErase"functioninsteadofthe
"PageErase"function.
HT69F340 IAP Configurations
HT69F350 IAP Configurations
E�ase Block
�5� wo�ds/�lock
E�ase Page
3� wo�ds/page
W�iting Wo�d
4 wo�ds/ti�e
W�iting Wo�d
3� wo�ds/ti�e
Reading Wo�d
1 wo�d/ti�e
Reading Wo�d
1 wo�d/ti�e
HT69F360 IAP Configurations
E�ase Page
�4 wo�ds/page
W�iting Wo�d
�4 wo�ds/ti�e
Reading Wo�d
1 wo�d/ti�e
In Application Programming Control Registers
TheAddressregisters,FARLandFARH,andtheDataregisters,FD0L/FD0H,FD1L/FD1H,
FD2L/FD2H,FD3L/FD3H,togetherwiththeControlregisters,FC0,FC1andFC2,locatedin
DataMemoryallsectors,arethecorrespondingFlashaccessregistersforIAP.Ifusingtheindirect
addressingmethodtoaccesstheFC0,FC1andFC2registersinothersectorsexceptinsector0,
allreadandwriteoperationstotheseregistersmustbeperformedusingtheIndirectAddressing
Register,IAR1orIAR2,andtheMemoryPointerpairs,MP1L/MP1HorMP2L/MP2H.For
example,ifthecontrolregistersFC0,FC1andFC2insector1arewanted,astheseregistersare
locatedattheaddressof67H~69HinDataMemorysector1,thedesiredvaluerangedfrom67Hto
69HmustbewrittenintotheMP1LorMP2LMemoryPointerlowbyteandthevalue“01H”must
alsobewrittenintotheMP1HorMP2HMemoryPointerhighbyte.
Register
Name
Bit
7
6
5
4
3
2
1
0
FC0
CFWE� FMOD� FMOD1 FMOD0 FWPE�
FWT
FRDE�
FRD
FC1
D7
D�
D5
D4
D3
D�
D1
D0
FC� (HT�9F350/3�0)
—
—
—
—
—
—
—
CLWB
FARL
A7
A�
A5
A4
A3
A�
A1
A0
FARH (HT�9F340)
—
—
—
—
A11
A10
A9
A�
FARH (HT�9F350)
—
—
—
A1�
A11
A10
A9
A�
FARH (HT�9F3�0)
—
—
A13
A1�
A11
A10
A9
A�
FD0L
D7
D�
D5
D4
D3
D�
D1
D0
FD0H
D15
D14
D13
D1�
D11
D10
D9
D�
FD1L
D7
D�
D5
D4
D3
D�
D1
D0
FD1H
D15
D14
D13
D1�
D11
D10
D9
D�
FD�L
D7
D�
D5
D4
D3
D�
D1
D0
FD�H
D15
D14
D13
D1�
D11
D10
D9
D�
FD3L
D7
D�
D5
D4
D3
D�
D1
D0
FD3H
D15
D14
D13
D1�
D11
D10
D9
D�
IAP Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com