Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1S Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # MB1S
Description  Single Board Precision DVM with direct PC Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

MB1S Datasheet(HTML) 2 Page - Advanced Linear Devices

  MB1S Datasheet HTML 1Page - Advanced Linear Devices MB1S Datasheet HTML 2Page - Advanced Linear Devices MB1S Datasheet HTML 3Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev 2.0 © 2012 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
MB1S
www.aldinc.com
2 of 3
Key Specifications
MB1S (MB1SA2V)
Direct Full Scale Analog Input Range: +/- 2.00000V DC
Input Impedance: 1GΩ min, 100GΩ typical.
Optional on-board input resistor divider network for wide input voltage ranges
Resolution: +/- 1 digit, (+/-10µV) @ Vin = 1.00000V (16x input averaging)
Overvoltage Protection: 20V DC
Conversion Sample Rate: 3-samples/sec (from 1 sample/min. to 10 samples/sec.)
No external power source necessary, draws power directly from the PC printer port
Optional external Power Supply: +4.5 to +5.5V max @ 6mA max.
Accuracy +/-0.01% (After 2 hour warm-up)
Linearity +/-0.005% full-scale (23º C, +/-1º C).
Logic Compatibility: CMOS inputs and outputs.
MB1SA20V
Direct Full Scale Analog Input Range: +/-20.000V DC
Input Impedance: 10MEGΩ nominal
Optional on-board input resistor divider for wide input voltage ranges
Resolution: +/-1 digit, (+/-100µV) @ Vin = 10.0000V (16x input averaging)
Overvoltage Protection: 200V DC
Conversion Sample Rate: 3-samples/sec (from 1 sample/min. to 10 samples/sec)
No external power source necessary, draws power directly from the PC printer port
Optional external Power Supply: +4.5 to +5.5V max @ 6mA max.
Accuracy +/-0.02% (After 2 hour warm-up)
Linearity +/-0.01% full-scale (23º C, +/-1º C).
Logic Compatibility: CMOS inputs and outputs.
Applications
Applications for the MB1S Board include embedded digital panel meters, customized
instrumentation displays, temperature monitoring, high resolution DVM’s, weigh scales, signal
conditioners, laboratory data-logging, process monitors, portable/field troubleshooting and calibration.
Configuration & Outline Drawing
MB1S boards include a DB25 pin connector that plugs directly into the parallel printer port of a
desktop or laptop PC computer for operation, initial setup & calibration. The board outputs 24 bit serial
data (23-bit serial data plus sign bit) to the PC or other digital processors for further data processing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com