Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1S Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # MB1S
Description  Single Board Precision DVM with direct PC Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

MB1S Datasheet(HTML) 1 Page - Advanced Linear Devices

  MB1S Datasheet HTML 1Page - Advanced Linear Devices MB1S Datasheet HTML 2Page - Advanced Linear Devices MB1S Datasheet HTML 3Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev 2.0 © 2012 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
MB1S
www.aldinc.com
1 of 3
MB1S(MB1SA2V)/MB1SA20V
Single Board Precision DVM with direct PC Interface
The ALD MB1S is a precision +/-5½-digit Digital Voltmeter (DVM) printed circuit board that
contains the ALD500R/ALD521D A/D Converter chipset that directly plugs into the parallel printer port
of a PC computer. It features calibrated analog input (w/scalable input ranges), and digital circuitry to
communicate with PC or other microprocessors. It is designed to be used as a stand-alone, embedded
system component in a variety of applications including digital panel meters, customized instrumentation
displays, temperature monitoring, high resolution DVM’s, weigh scales and others. Direct Full-scale
analog input range is +/-2.00000V DC with a linearity of 0.005%. ALD's 18-bit plus sign integrating
dual-slope analog processor (ALD500) functions as the input device and the ALD521D microprocessor
IC implements the digital conversion, control mode and I/O functions.
The MB1S supports two optional versions, each populated with different components and
configurations:
Mode A – calibrated reference used primarily for measurements against a calibrated reference
voltage typically required in precision voltmeter applications. Mode A is the default version of
MB1S.
Mode B – ratio-metric intended for measurements against a ratio-metric reference voltage, such
as those required in weigh scale applications. Mode B is a simple application specific adaptation
of the standard MB1S.
The MB1S board has a provision for PC interface (DB25), BASIC interface modules, and input resistor
divider network for input scaling. Optional MS-DOS Software (P/N - MBCDROM) is also available for
user setup and calibration. Only one copy of the software is necessary, regardless of the number of
boards in use. DC Inputs are single ended or optionally fully differential, and features automatic zero and
automatic input polarity detection. A DB25 connector is provided on-board, to conveniently interconnect
the MB1S to a personal computer (PC) via the parallel printer port for operation, initial setup, and
calibration.
Hardware and Software Features
Directly plug into a PC parallel printer port and displays readings on the monitor.
Measurement Range: +/-2.00000V DC direct input.
(Other ranges are user configurable and scalable, using both hardware and software scaling)
Self-powered from PC computer or external +5V DC power source
All solid-state construction.
24-bit serial output. (23-bit plus sign bit)
User selectable +/-3½ to +/-6½ digits.
Differential analog inputs with auto-polarity and auto-zero.
Simple to install and operate.
Calibration for positive and/or negative inputs.
Provision for input voltage scaling attenuator network.
Smart Input Filtering (Sample Averaging) selection for noise reduction and accurate displays.
Optional MS-DOS software for user operation, setup, and calibration is sold separately.


Similar Part No. - MB1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
MB1S CTC-MB1S Datasheet
50Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
More results

Similar Description - MB1S

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
Direct Interface with PIR Sensor
logo
HuaXinAn Electronics CO...
NT90T-C HUAXINAN-NT90T-C Datasheet
1Mb / 3P
PC board mounting and direct insert mounting available
NVF4-1A HUAXINAN-NVF4-1A Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-3A HUAXINAN-NVF4-3A Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-3U HUAXINAN-NVF4-3U Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-4C HUAXINAN-NVF4-4C Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available.
NVF4-4U HUAXINAN-NVF4-4U Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
logo
Advanced Linear Devices
MB201A2V ALD-MB201A2V Datasheet
73Kb / 3P
Single Board Precision DVM with direct PC Interface
MB203A2V ALD-MB203A2V Datasheet
76Kb / 3P
Single Board Precision DVM with direct Character Display Module Driver
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
Direct interface with TTL levels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com