Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD810021 Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD810021
Description  SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD810021 Datasheet(HTML) 9 Page - Advanced Linear Devices

Back Button ALD810021 Datasheet HTML 5Page - Advanced Linear Devices ALD810021 Datasheet HTML 6Page - Advanced Linear Devices ALD810021 Datasheet HTML 7Page - Advanced Linear Devices ALD810021 Datasheet HTML 8Page - Advanced Linear Devices ALD810021 Datasheet HTML 9Page - Advanced Linear Devices ALD810021 Datasheet HTML 10Page - Advanced Linear Devices ALD810021 Datasheet HTML 11Page - Advanced Linear Devices ALD810021 Datasheet HTML 12Page - Advanced Linear Devices ALD810021 Datasheet HTML 13Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ALD8100XX/ALD9100XX SUPERCAPACITOR
Advanced Linear Devices, Inc.
9 of 17
AUTO BALANCING (SAB) MOSFET ARRAY FAMILY
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
ALD8100xx DRAIN OFF LEAKAGE CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE - TA (°C)
-50
-25
0
+25
+50
+125
+100
+75
500
400
300
200
600
100
0
IDS(OFF)
VIN = Vt - 1.0V
ALD8100xx OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
INPUT OVERDRIVE VOLTAGE
VIN - Vt (V)
+0.8
+0.4
+0.6
+0.2
+1.0
+0.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
- 25°C
125°C
Zero Temperature
Coefficient (ZTC)
ALD9100xx INPUT VOLTAGE
vs. OUTPUT CURRENT
1.0 E
-02
1.0 E
-03
1.0 E
-04
1.0 E
-05
1.0 E
-06
1.0 E
-07
1.0 E
-08
1.0 E
-09
1.0 E
-10
Vt+0.5
Vt-0.5
Vt-0.3
Vt-0.1
Vt+0.1
Vt+0.3
Vt+0.7
INPUT VOLTAGE - VIN = VGS = VDS (V)
+ 70°C
+ 125°C
+ 25°C
- 40°C
0°C
ALD9100xx FORWARD TRANSFER
CHARACTERISTICS - LOW VOLTAGE
500
400
300
200
0
100
INPUT OVERDRIVE VOLTAGE
VIN - Vt (V)
0
+0.1
+0.2
+0.4
+0.5
+0.3
-0.3
-0.1
-0.2
VIN = VGS = VDS
TA = + 25°C
INPUT OVERDRIVE VOLTAGE
VIN - Vt (V)
1000000.00
10000.00
1000.00
100.00
10.00
1.00
0.10
0.01
-0.4
-0.3
-0.2
-0.1
0.0
+0.1
+0.2
+0.3
100000.00
ALD9100xx FORWARD TRANSFER CHARACTERISTICS
EXPANDED (SUBTHRESHOLD)
VIN = VGS = VDS
TA = + 25°C
ALD9100xx OUTPUT CHARACTERISTICS
INPUT VOLTAGE - VIN = VGS = VDS (V)
0
2
40
100
80
60
20
0
6
8
10
4
Vt = 2.00V
Vt = 2.50V
Vt = 2.80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com