Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD810021 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD810021
Description  SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD810021 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD810021 Datasheet HTML 1Page - Advanced Linear Devices ALD810021 Datasheet HTML 2Page - Advanced Linear Devices ALD810021 Datasheet HTML 3Page - Advanced Linear Devices ALD810021 Datasheet HTML 4Page - Advanced Linear Devices ALD810021 Datasheet HTML 5Page - Advanced Linear Devices ALD810021 Datasheet HTML 6Page - Advanced Linear Devices ALD810021 Datasheet HTML 7Page - Advanced Linear Devices ALD810021 Datasheet HTML 8Page - Advanced Linear Devices ALD810021 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 2.0
www.aldinc.com
1 of 17
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD8100xx/ALD9100xx family of Supercapacitor Auto Balanc-
ing MOSFET Arrays, or SAB™ MOSFETs, are designed to address
voltage and leakage current balancing of supercapacitors connected
in series. Supercapacitors, also known as ultracapacitors or
supercaps, connected in series can be balanced with single or
multiple ALD8100xx/ALD9100xx packages. These SAB MOSFETs
are built with ALD production proven EPAD
® MOSFET technology.
SAB MOSFETs have unique electrical characteristics for superior
active continuous leakage current regulation and self-balancing of
stacked series-connected supercapacitors while dissipating near
zero leakage currents, practically eliminating extra power consump-
tion. For many applications, SAB MOSFET automatic charge bal-
ancing offers a simple, economical and effective method to bal-
ance and regulate supercapacitor voltages. With SAB MOSFETs,
each supercapacitor in a series-connected stack is continuously
monitored and automatically controlled for precise, effective bal-
ancing of its voltage and leakage current.
The SAB MOSFET regulates the voltage across a supercapacitor
cell by increasing its drain current exponentially across the
supercapacitor when its voltage increases, and by decreasing its
drain current exponentially across the supercapacitor when its volt-
age decreases. When a supercapacitor cell is charged to a volt-
age less than 90% of the desired voltage limit, the SAB MOSFET
across the supercap is turned off and there is zero leakage current
contribution from the SAB MOSFET. On the other hand, when the
voltage across the supercapacitor is over the desired voltage limit,
the SAB MOSFET is turned on to increase its drain currents to
keep the supercapacitor voltage from rising. Simultaneously, the
voltages and leakages of other supercapacitors in the series stack
are lowered to result in a near zero net increase in leakage current.
The ALD8100xx/ALD9100xx SAB MOSFET family offers a selec-
tion of different threshold devices for various supercapacitor maxi-
mum operating voltage values and desired leakage balancing char-
acteristics as well as different temperature range environments. A
list of the available ALD part numbers can be found in the tables on
pages 6 and 7 of this document. For individual datasheets and
specifications, please visit www.aldinc.com under “SAB MOSFET”.
SUPERCAPACITORS
Supercapacitors are typically rated with a nominal recommended
working voltage established for long life at their maximum rated
operating temperature. When a supercapacitor cell voltage ex-
ceeds its rated voltage for a prolonged time period, it experiences
reduced lifetime and eventual rupture and catastrophic failure. To
prevent such an occurrence, in most applications having two or
more supercapacitors connected in series, a means of automati-
cally monitoring and adjusting charge-balancing at their maximum
operating voltages is required. This is due to different internal leak-
age currents in each specific cell.
The supercapacitor’s leakage current is a variable function of many
parameters such as aging, initial leakage current at zero input volt-
age, material and construction of the supercapactor, its chemistry
composition, its leakage as a function of the charging voltage and
the charging current and temperature, operating temperature range,
and the rate of change of many of these parameters. Supercapacitor
balancing must correct for these changing effects automatically,
with minimal added leakage currents or power consumption.
ALD8100XX/ALD9100XX FAMILY of SUPERCAPACITOR
AUTO BALANCING (SAB™) MOSFET ARRAYS
SAB MOSFET ADVANTAGES
The ALD8100xx/ALD9100xx family of SAB MOSFETs are designed
for automatic supercapacitor balancing. They are replacements for
many other passive or active supercapacitor balancing methods
where cost, board space, efficiency, simplicity and power dissipa-
tion are important design considerations. For example, in applica-
tions where supercapacitors require minimum long-term power dis-
sipation (internal leakage currents) as a primary goal, ALD8100xx/
ALD9100xx SAB MOSFETs are simpler and more effective in per-
forming the leakage balancing function, using significantly less
board space and contributing no additional charge loss beyond the
supercapacitor’s own leakages. Other common methods of charge
*IC pins are internally connected, connect to V-
PIN CONFIGURATIONS
SCL PACKAGES
ALD8100xx
DN1
GN1
IC*
DN4
SN4
GN4
SN1
V-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DN2
GN2
IC*
DN3
SN3
GN3
SN2
V+
V-
V-
M2
M1
M4
M3
V-
V-
SAL PACKAGES
ALD9100xx
V-
GN1
DN1
SN1
1
2
3
4
IC*
GN2
DN2
SN2, V-
V+
6
7
8
5


Similar Part No. - ALD810021

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810021 ALD-ALD810021 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810021SCL ALD-ALD810021SCL Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810021SCLI ALD-ALD810021SCLI Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810021SCLI ALD-ALD810021SCLI Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD810021

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com