Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 48Page - Renesas Technology Corp R5F100GC Datasheet HTML 49Page - Renesas Technology Corp R5F100GC Datasheet HTML 50Page - Renesas Technology Corp R5F100GC Datasheet HTML 51Page - Renesas Technology Corp R5F100GC Datasheet HTML 52Page - Renesas Technology Corp R5F100GC Datasheet HTML 53Page - Renesas Technology Corp R5F100GC Datasheet HTML 54Page - Renesas Technology Corp R5F100GC Datasheet HTML 55Page - Renesas Technology Corp R5F100GC Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 202 page
background image
RL78/G13
1. OUTLINE
Page 52 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
[80-pin, 100-pin, 128-pin products]
Caution
This outline describes the functions at the time when Peripheral I/O redirection register (PIOR)
is set to 00H.
(1/2)
80-pin
100-pin
128-pin
Item
R5F100Mx
R5F101Mx
R5F100Px
R5F101Px
R5F100Sx
R5F101Sx
Code flash memory (KB)
96 to 512
96 to 512
192 to 512
Data flash memory (KB)
8
8
8
RAM (KB)
8 to 32
Note 1
8 to 32
Note 1
16 to 32
Note 1
Address space
1 MB
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (High-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode:
1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (Low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
Main system
clock
High-speed on-chip
oscillator
HS (High-speed main) mode: 1 to 32 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (Low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
Subsystem clock
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS)
32.768 kHz
Low-speed on-chip oscillator
15 kHz (TYP.)
General-purpose register
(8-bit register
 8)  4 banks
0.03125
s (High-speed on-chip oscillator: fIH = 32 MHz operation)
0.05
s (High-speed system clock: fMX = 20 MHz operation)
Minimum instruction execution time
30.5
s (Subsystem clock: fSUB = 32.768 kHz operation)
Instruction set
 Data transfer (8/16 bits)
 Adder and subtractor/logical operation (8/16 bits)
 Multiplication (8 bits  8 bits)
 Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
74
92
120
CMOS I/O
64
(N-ch O.D. I/O [EVDD withstand
voltage]: 21)
82
(N-ch O.D. I/O [EVDD withstand
voltage]: 24)
110
(N-ch O.D. I/O [EVDD withstand
voltage]: 25)
CMOS input
5
5
5
CMOS output
1
1
1
N-ch O.D. I/O
(withstand voltage: 6
V)
4
4
4
16-bit timer
12 channels
12 channels
16 channels
Watchdog timer
1 channel
1 channel
1 channel
Timer
Real-time clock (RTC)
1 channel
1 channel
1 channel
12-bit interval timer (IT)
1 channel
1 channel
1 channel
Timer output
12 channels
(PWM outputs: 10
Note 2)
12 channels
(PWM outputs: 10
Note 2)
16 channels
(PWM outputs: 14
Note 2)
RTC output
1 channel
 1 Hz (subsystem clock: fSUB = 32.768 kHz)
Notes 1.
The flash library uses RAM in self-programming and rewriting of the data flash memory.
The target products and start address of the RAM areas used by the flash library are shown below.
R5F100xJ, R5F101xJ (x = M, P):
Start address FAF00H
R5F100xL, R5F101xL (x = M, P, S):
Start address F7F00H
For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library
for RL78 Family (R20UT2944).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com